Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1538DBX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN1538DBX
Szczegółowy opis  Dual Channel 1A Low Dropout Linear Regulator with UVLO and Soft-start
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1538DBX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN1538DBX Datasheet HTML 1Page - Fairchild Semiconductor FAN1538DBX Datasheet HTML 2Page - Fairchild Semiconductor FAN1538DBX Datasheet HTML 3Page - Fairchild Semiconductor FAN1538DBX Datasheet HTML 4Page - Fairchild Semiconductor FAN1538DBX Datasheet HTML 5Page - Fairchild Semiconductor FAN1538DBX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT SPECIFICATION
FAN1538
REV. 1.0.2 12/17/03
3
Electrical Specifications
(Operating Conditions: VIN = 5V, TJ=25°C unless otherwise specified)
The • denotes specifications which apply over the full operating temperature range.
Diagram 1: UVLO and Softstart Timing
Parameter
Conditions
Min.
Typ.
Max.
Units
V1 Output Voltage
10mA
≤ Iout ≤ 1A
4.50V
≤ VIN ≤ 7V
3.234
3.200
3.300
3.300
3.366
3.400
V
V2 Output Voltage (FAN1538A)
10mA
≤ Iout ≤ 1A
4.50V
≤ VIN ≤ 7V
2.450
2.420
2.500
2.500
2.550
2.580
V
V2 Minimum Output Voltage
(FAN1538B)
10mA
≤ Iout ≤ 1A
4.50V
≤ VIN ≤ 7V
1.400
V
Reference Voltage (FAN1538B)
(FB)
10mA<Iout<1A
4.50V
≤ VIN ≤ 7V
1.225
1.210
1.250
1.250
1.275
1.290
V
FB Pin Bias Current
1µA
Line Regulation
(Both Outputs)
4.50V
≤ VIN ≤ 7V
Iout = 10mA
0.005
0.5
%
Load Regulation
(Both Outputs)
VIN=5.0V
10mA
≤ Iout ≤ 1A
0.05
0.5
%
Current Limit
(Both Outputs)
VIN = 5V
1.1
1.5
A
Minimum Load Current
(Both Outputs)
4.50V
≤ VIN ≤ 7V
10
mA
Quiescent Current
VIN = 5V
615
mA
Ripple Rejection
(Both Outputs)
F = 60Hz, Cout = 22µF
VIN = 5V, Iout =100mA
60
dB
Under-Voltage Lockout (See Diagram1)
VIN Rising threshold
3.4
3.8
4.2
V
VIN Falling threshold
3.0
3.3
3.6
V
V1 & V2 delay start time
VIN > UVLO Rising Threshold
150
µs
V1 softstart slew rate
250
µs/V
V2 softstart slew rate
R1 = 1250 & R2 = 250 ohms
550
µs/V
V1 & V2
VIN < 3.4
0.5
V
Thermal Shutdown
Shut down Temperature
165
°C
Thermal hysteresis
40
°C
VIN
V3.3
VIN = 3.3V
V1.5
Time
Input
Voltage
150
µs
VIN = 3.8V


Podobny numer części - FAN1538DBX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537B FAIRCHILD-FAN1537B Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DA FAIRCHILD-FAN1537DA Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DB FAIRCHILD-FAN1537DB Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DC FAIRCHILD-FAN1537DC Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Podobny opis - FAN1538DBX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com