Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC244DWG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74HC244DWG4
Szczegółowy opis  Octal Buffers and Line Drivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244DWG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74HC244DWG4 Datasheet HTML 1Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 2Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 3Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 4Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 5Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 6Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 7Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 8Page - Texas Instruments SN74HC244DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN54HC244, SN74HC244
UNIT
DB (SSOP)
DW (SOIC)
N (PDIP)
NS (SOP)
PW (TSSOP)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal
resistance
89.5
76.8
44.9
71.9
97.5
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
50.9
42.2
30.9
38.2
32.6
°C/W
RθJB
Junction-to-board thermal resistance
44.6
44.6
25.8
39.3
48.4
°C/W
ψJT
Junction-to-top characterization
parameter
17
15.6
16.4
14.9
1.7
°C/W
ψJB
Junction-to-board characterization
parameter
44.2
44.1
25.7
39
47.9
°C/W
6.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –6 mA, VCC = 4.5 V
3.98
4.3
IOH = –7.8 mA, VCC = 6 V
5.48
5.8
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 6 mA, VCC = 4.5 V
0.17
0.26
IOL = 7.8 mA, VCC = 6 V
0.15
0.26
II
VI = VCC or 0, VCC = 6 V
±0.1
±100
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±0.01
±0.5
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
8
µA
Ci
VCC = 2 V to 6 V
3
10
pF
6.6 Electrical Characteristics – SN54HC244
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
V
VCC = 4.5 V
4.4
VCC = 6 V
5.9
IOH = –6 mA, VCC = 4.5 V
3.7
IOH = –7.8 mA, VCC = 6 V
5.2
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.1
V
VCC = 4.5 V
0.1
VCC = 6 V
0.1
IOL = 6 mA, VCC = 4.5 V
0.4
IOL = 7.8 mA, VCC = 6 V
0.4
II
VI = VCC or 0, VCC = 6 V
±1000
nA
IOZ
VO = VCC or 0, VI = VIH or VIL, VCC = 6 V
±10
µA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
160
µA
Ci
VCC = 2 V to 6 V
10
pF


Podobny numer części - SN74HC244DWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC244DWG4 TI-SN74HC244DWG4 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244DWG4 TI-SN74HC244DWG4 Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74HC244DWG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com