Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC245PWLE Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74HC245PWLE
Szczegółowy opis  Octal Bus Transceivers With 3-State Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC245PWLE Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HC245PWLE Datasheet HTML 2Page - Texas Instruments SN74HC245PWLE Datasheet HTML 3Page - Texas Instruments SN74HC245PWLE Datasheet HTML 4Page - Texas Instruments SN74HC245PWLE Datasheet HTML 5Page - Texas Instruments SN74HC245PWLE Datasheet HTML 6Page - Texas Instruments SN74HC245PWLE Datasheet HTML 7Page - Texas Instruments SN74HC245PWLE Datasheet HTML 8Page - Texas Instruments SN74HC245PWLE Datasheet HTML 9Page - Texas Instruments SN74HC245PWLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
V
CC at 25SC
C002
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
V
CC at 25SC
C002
SN54HC245, SN74HC245
SCLS131E – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Switching Characteristics, CL = 150 pF
over recommended operating free-air temperature range (unless otherwise noted)
(see Figure 3)
VCC
TA = 25°C
SN54HC245
SN74HC245
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
54
135
200
170
tpd
A or B
B or A
4.5 V
18
27
40
34
ns
6 V
15
23
34
29
2 V
150
270
405
335
ten
OE
A or B
4.5 V
31
54
81
67
ns
6 V
25
46
69
56
2 V
45
210
315
265
tt
A or B
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
No load
40
pF
6.9 Typical Characteristics
Figure 1. TPD vs VCC at 25°C
Figure 2. TPD vs VCC at 25°C
6
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC245 SN74HC245


Podobny numer części - SN74HC245PWLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC245PWLE TI-SN74HC245PWLE Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245PWLE TI-SN74HC245PWLE Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245PWLE TI1-SN74HC245PWLE Datasheet
1Mb / 28P
[Old version datasheet]   Octal Bus Transceivers
More results

Podobny opis - SN74HC245PWLE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com