Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2673S-3.3 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2673S-3.3
Szczegółowy opis  LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2673S-3.3 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM2673S-3.3 Datasheet HTML 4Page - Texas Instruments LM2673S-3.3 Datasheet HTML 5Page - Texas Instruments LM2673S-3.3 Datasheet HTML 6Page - Texas Instruments LM2673S-3.3 Datasheet HTML 7Page - Texas Instruments LM2673S-3.3 Datasheet HTML 8Page - Texas Instruments LM2673S-3.3 Datasheet HTML 9Page - Texas Instruments LM2673S-3.3 Datasheet HTML 10Page - Texas Instruments LM2673S-3.3 Datasheet HTML 11Page - Texas Instruments LM2673S-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
LM2673
SNVS030O – APRIL 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2673
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Switching Frequency
Figure 8. Feedback Pin Bias Current
Continuous Mode Switching Waveforms VIN = 20 V,
VOUT = 5 V, ILOAD = 3 A L = 33 µH, COUT = 200 µF,
COUTESR = 26 mΩ
A: VSW Pin Voltage, 10 V/div
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Figure 9. Horizontal Time Base: 1 µs/div
Discontinuous Mode Switching Waveforms VIN = 20 V,
VOUT = 5 V, ILOAD = 500 mA L = 10 µH, COUT = 400 µF,
COUTESR = 13 mΩ
A: VSW Pin Voltage, 10 V/div
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Figure 10. Horizontal Time Base: 1 µs//iv
Load Transient Response for Continuous Mode VIN = 20 V,
VOUT = 5 V L = 33 µH, COUT = 200 µF, COUTESR = 26 mΩ
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500-mA to 3-A Load Pulse
Figure 11. Horizontal Time Base: 100 µs/div
Load Transient Response for Discontinuous Mode VIN = 20 V,
VOUT = 5 V, L = 10 µH, COUT = 400 µF, COUTESR = 13 mΩ
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200-mA to 3-A Load Pulse
Figure 12. Horizontal Time Base: 200 µs/div


Podobny numer części - LM2673S-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2673S-3.3 NSC-LM2673S-3.3 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673S-3.3 TI-LM2673S-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
More results

Podobny opis - LM2673S-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com