Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2679S-5.0 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2679S-5.0
Szczegółowy opis  LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2679S-5.0 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2679S-5.0 Datasheet HTML 1Page - Texas Instruments LM2679S-5.0 Datasheet HTML 2Page - Texas Instruments LM2679S-5.0 Datasheet HTML 3Page - Texas Instruments LM2679S-5.0 Datasheet HTML 4Page - Texas Instruments LM2679S-5.0 Datasheet HTML 5Page - Texas Instruments LM2679S-5.0 Datasheet HTML 6Page - Texas Instruments LM2679S-5.0 Datasheet HTML 7Page - Texas Instruments LM2679S-5.0 Datasheet HTML 8Page - Texas Instruments LM2679S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Voltage
5V/5A
COUT
2 x 180 PF/16V
22 PH
L
Feedback
Boost
6TQ045S
Ground
Current
VIN
Softstart
1 nF
+
Voltage
8V to 40V
Input
LM2679 - 5.0
Output
Switch
Output
0.01 PF
+
Limit
Adjust
5.6k
0.47 PF
+
+
+
CIN
3 x 15 PF/50V
=
37,125
RADJ
I
CL
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2679
SNVS026O – MARCH 2000 – REVISED JUNE 2016
LM2679 SIMPLE SWITCHER® 5-A Step-Down Voltage Regulator
With Adjustable Current Limit
1
1 Features
1
Efficiency Up to 92%
Simple and Easy to Design Using Off-The-Shelf
External Components
Resistor Programmable Peak Current Limit Over a
Range of 3 A to 7 A
120-mΩ DMOS Output Switch
3.3-V, 5-V, 12-V Fixed Output and Adjustable
(1.2 V to 37 V) Versions
±2% Maximum Output Tolerance Over Full Line
and Load Conditions
Wide Input Voltage Range: 8 V to 40 V
260-kHz Fixed Frequency Internal Oscillator
Soft-Start Capability
−40 to 125°C Operating Junction Temperature
Range
2 Applications
Simple-to-Design, High Efficiency (>90%)
Step-Down Switching Regulators
Efficient System Preregulator for Linear Voltage
Regulators
Battery Chargers
3 Description
The LM2679 series of regulators are monolithic
integrated circuits which provide all of the active
functions for a step-down (buck) switching regulator
capable of driving up to 5-A loads with excellent line
and load regulation characteristics. High efficiency
(>90%) is obtained through the use of a low ON-
resistance DMOS power switch. The series consists
of fixed output voltages of 3.3 V, 5 V, and 12 V and
an adjustable output version.
The SIMPLE SWITCHER® concept provides for a
complete design using a minimum number of external
components.
A
high
fixed
frequency
oscillator
(260 kHz) allows the use of physically smaller sized
components. A family of standard inductors for use
with
the
LM2679
are
available
from
several
manufacturers to greatly simplify the design process.
Other features include the ability to reduce the input
surge current at power on by adding a soft-start
timing capacitor to gradually turn on the regulator.
The
LM2679
series
also
has
built-in
thermal
shutdown and resistor programmable current limit of
the power MOSFET switch to protect the device and
load circuitry under fault conditions. The output
voltage is specified to a ±2% tolerance. The clock
frequency is controlled to within a ±11% tolerance.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2679
TO-263 (7)
10.10 mm × 8.89 mm
TO-220 (7)
14.986 mm × 10.16 mm
VSON (14)
6.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Podobny numer części - LM2679S-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2679S-5.0 NSC-LM2679S-5.0 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
More results

Podobny opis - LM2679S-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2678 TI1-LM2678 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com