Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2678S-ADJ Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2678S-ADJ
Szczegółowy opis  LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2678S-ADJ Arkusz danych(HTML) 2 Page - Texas Instruments

  LM2678S-ADJ Datasheet HTML 1Page - Texas Instruments LM2678S-ADJ Datasheet HTML 2Page - Texas Instruments LM2678S-ADJ Datasheet HTML 3Page - Texas Instruments LM2678S-ADJ Datasheet HTML 4Page - Texas Instruments LM2678S-ADJ Datasheet HTML 5Page - Texas Instruments LM2678S-ADJ Datasheet HTML 6Page - Texas Instruments LM2678S-ADJ Datasheet HTML 7Page - Texas Instruments LM2678S-ADJ Datasheet HTML 8Page - Texas Instruments LM2678S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LM2678
SNVS029J – MARCH 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: LM2678
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 3.3 V .............................. 5
6.6
Electrical Characteristics – 5 V ................................. 5
6.7
Electrical Characteristics – 12 V ............................... 6
6.8
Electrical Characteristics – Adjustable...................... 6
6.9
Electrical Characteristics – All Output Voltage
Versions ..................................................................... 6
6.10
Typical Characteristics ............................................ 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 11
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
8.2
Typical Application .................................................. 14
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Related Documentation......................................... 27
11.2
Receiving Notification of Documentation Updates 27
11.3
Community Resources.......................................... 27
11.4
Trademarks ........................................................... 27
11.5
Electrostatic Discharge Caution ............................ 27
11.6
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
12.1
VSON Package Devices ....................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (April 2013) to Revision J
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Removed all references to Computer Design Software LM267X Made Simple (Version 6.0).............................................. 1
Changes from Revision H (April 2013) to Revision I
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 27


Podobny numer części - LM2678S-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2678S-ADJ NSC-LM2678S-ADJ Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results

Podobny opis - LM2678S-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com