Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2791 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM2791
Szczegółowy opis  LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2791 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM2791 Datasheet HTML 1Page - Texas Instruments LM2791 Datasheet HTML 2Page - Texas Instruments LM2791 Datasheet HTML 3Page - Texas Instruments LM2791 Datasheet HTML 4Page - Texas Instruments LM2791 Datasheet HTML 5Page - Texas Instruments LM2791 Datasheet HTML 6Page - Texas Instruments LM2791 Datasheet HTML 7Page - Texas Instruments LM2791 Datasheet HTML 8Page - Texas Instruments LM2791 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM2791
SNVS156M – FEBRUARY 2001 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1)
Limits in standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating Temperature Range.
Unless otherwise specified, C1 = CIN = CHOLD = 1 µF, VIN = 3.6V, VDIODE = 3.6V, RSET = 332Ω, BRGT pin = 0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDX
Diode Current at ID1,2
VIN= 3V, RSET = 270Ω
16.5
18
Available Current at Output Dx
VIN= 3V
14.5
VIN= 3.3V
12.8
15.1
17.7
mA
VIN= 3.6V
13.3
15.7
18.4
VIN = 4.4V
16.8
IDx
Load Regulation at Output Dx
VIN =3.6V
16
VDX=3.0V
mA
15.4
VDX=4.0V
IDX
Line Regulation of Dx Output
3.3V
≤ VIN ≤ 4.4V
15.7
mA
Current
VDX = 3.6V
ID-MATCH
Current Matching Between Any
3.0V
≤ VIN ≤ 4.4V
0.3
%
Two Outputs
VD1, VD2 = 3.6V
IQ
Quiescent Supply Current
3.0V
≤ VIN ≤ 4.4V, Active, No Load
0.7
2
mA
Current
ISD
Shutdown Supply Current
3.0V
≤ VIN ≤ 5.5V, Shutdown at
0.1
1
µA
85°C
0.3
VIH
SD Input Logic High
3.0V
≤ VIN ≤ 5.5V,
(2)
0.8VIN
V
VIL
SD Input Logic Low
3.0V
≤ VIN ≤ 5.5V,
(2)
0.2VIN
V
ILEAK-SD
SD Input Leakage Current
0V
≤ VSD ≤ VIN
0.1
µA
RBRGT
BRGT Input Resistance
250
k
ISET
ISET Pin Output Current
IDx/25
mA
fSW
Switching Frequency (3)
3.0V
≤ VIN ≤ 4.4V
450
650
850
kHz
tSTART
Startup Time(4)
IDx = 90% steady state
10
µs
(1)
In the test circuit, all capacitors are 1.0µF, 0.3
Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance,
reduce output voltage and efficiency.
(2)
The internal thresholds of the shutdown bar are set at about 40% of VIN.
(3)
The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
(4)
Specified by design.Not productin tested.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM2791
Not Recommended For New Designs


Podobny numer części - LM2791

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-H NSC-LM2791LD-H Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L NSC-LM2791LD-L Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LDX-H NSC-LM2791LDX-H Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LDX-L NSC-LM2791LDX-L Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

Podobny opis - LM2791

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com