Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2791LD-L Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM2791LD-L
Szczegółowy opis  LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2791LD-L Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2791LD-L Datasheet HTML 1Page - Texas Instruments LM2791LD-L Datasheet HTML 2Page - Texas Instruments LM2791LD-L Datasheet HTML 3Page - Texas Instruments LM2791LD-L Datasheet HTML 4Page - Texas Instruments LM2791LD-L Datasheet HTML 5Page - Texas Instruments LM2791LD-L Datasheet HTML 6Page - Texas Instruments LM2791LD-L Datasheet HTML 7Page - Texas Instruments LM2791LD-L Datasheet HTML 8Page - Texas Instruments LM2791LD-L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2791
www.ti.com
SNVS156M – FEBRUARY 2001 – REVISED MAY 2013
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness
Control
Check for Samples: LM2791
1
FEATURES
DESCRIPTION
The LM2791 is a CMOS charge-pump voltage
2
Output Matching of ± 0.3%
doubler and regulator that provides two regulated
Drives up to Two LEDs
current sources. The LM2791 is designed to drive two
3V to 5.8V Input Voltage
white (or blue) LEDs with matched currents (within ±
0.3%) to produce balanced light sources for display
Up to 36mA Output Current
backlights. They accept an input voltage range from
Soft Start Limits Inrush Current
3V
to
5.8V
and
maintain
a
constant
current
Analog Brightness Control
determined by an external set resistor.
Separate Shutdown Input
The LM2791 delivers up to 36mA of load current to
Very Small Solution Size - No Inductor
accommodate two high forward voltage (typically
white) LEDs. The switching frequency is 450kHz
0.7mA Typical Operating Current
(min.) to keep the conducted noise spectrum away
1µA (max.) Shutdown Current
from
sensitive
frequencies
within
portable
RF
450kHz Switching Frequency (min.)
devices.
Linear Regulation Generates Predictable Noise
In the LM2791, brightness is controlled by applying a
Spectrum
voltage between GND and 3.0V to the BRGT pin. The
WSON-10 Package: 3mm X 3mm X 0.8mm
LM2791 is available in active high or low shutdown
versions. The shutdown pin reduces the operating
current to 1µA (max.).
APPLICATIONS
The LM2791 is available in a 10 pin WSON CSP
White LED Display Backlights
package.
White LED Keypad Backlights
1-Cell Li-Ion Battery-Operated Equipment
Including PDAs, Hand-Held PCs, Cellular
Phones
Flat Panel Displays
Basic Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Podobny numer części - LM2791LD-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2791LD-L NSC-LM2791LD-L Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

Podobny opis - LM2791LD-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com