Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2795 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM2795
Szczegółowy opis  LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2795 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2795 Datasheet HTML 1Page - Texas Instruments LM2795 Datasheet HTML 2Page - Texas Instruments LM2795 Datasheet HTML 3Page - Texas Instruments LM2795 Datasheet HTML 4Page - Texas Instruments LM2795 Datasheet HTML 5Page - Texas Instruments LM2795 Datasheet HTML 6Page - Texas Instruments LM2795 Datasheet HTML 7Page - Texas Instruments LM2795 Datasheet HTML 8Page - Texas Instruments LM2795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM2794, LM2795
www.ti.com
SNVS168L – JANUARY 2002 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
VIN
−0.5 to 6.2V max
SD
−0.5 to (VIN+0.3V) w/ 6.2V max
BRGT
−0.5 to (VIN+0.3V) w/ 6.2V max
Continuous Power Dissipation (3)
Internally Limited
TJMAX
(3)
135°C
θJA
(3) (4)
125°C/W
Storge Temperature
−65°C to +150°C
Lead Temp. (Soldering, 5 sec.)
260°C
ESD Rating (5)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typ.) and
disengages at TJ=140°C (typ.). D1, D2, D3 and D4 may be shorted to GND without damage. POUT may be shorted to GND for 1sec
without damage.
(4)
The value of
θJA is based on a two layer evaluation board with a dimension of 2in. x1.5in.
(5)
In the test circuit, all capacitors are 1.0µF, 0.3
Ω maximum ESR capacitors. Capacitors with higher ESR will increase output resistance,
reduce output voltage and efficiency.
Operating Conditions
Input Voltage (VIN)
2.7V to 5.5V
Ambient Temperature (TA)
−30°C to +85°C
Junction Temperature (TJ)
−30°C to +100°C
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating Junction
Temperature Range (
−30°C ≤ TJ ≤ +100°C). Unless otherwise specified, C1 = C2 = CIN = CHOLD = 1 µF, VIN = 3.6V, BRGT
pin = 0V; RSET =124Ω ; LM2794:VSD = VIN (LM2795: VSD = 0V).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDX
Available Current at Output Dx
3.0V
≤ VIN ≤ 5.5V
15
16.8
mA
VDX ≤ 3.8V
BRGT = 50mV
2.7V
≤ VIN ≤ 3.0V
10
VDX ≤ 3.6V
mA
BRGT = 0V
VDX ≤ 3.8V
20
mA
BRGT = 200mV
VDX
Available Voltage at Output Dx
3.0V
≤ VIN ≤ 5.5V
3.8
V
IDX ≤ 15mA
BRGT = 50mV
IDX
Line Regulation of Dx Output
3.0V
≤ VIN ≤ 5.5V
14.18
15.25
16.78
mA
Current
VDX = 3.6V
3.0V
≤ VIN ≤ 4.4V
14.18
15.25
16.32
mA
VDX = 3.6V
IDX
Load Regulation of Dx Output
VIN = 3.6V
14.18
15.25
16.32
mA
Current
3.0V
≤ VDX ≤ 3.8V
ID-MATCH
Current Matching Between Any
VIN = 3.6V, VDX = 3.6V
0.5
%
Two Outputs
IQ
Quiescent Supply Current
3.0V
≤ VIN ≤ 4.2V, Active, No Load
5.5
8.2
mA
Current
RSET = OPEN
ISD
Shutdown Supply Current
3.0V
≤ VIN ≤ 5.5V, Shutdown
2.3
5
µA
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2794 LM2795


Podobny numer części - LM2795

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951SD TI1-LM27951SD Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results

Podobny opis - LM2795

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com