Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317DCY Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM317DCY
Szczegółowy opis  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM317DCY Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM317DCY Datasheet HTML 7Page - Texas Instruments LM317DCY Datasheet HTML 8Page - Texas Instruments LM317DCY Datasheet HTML 9Page - Texas Instruments LM317DCY Datasheet HTML 10Page - Texas Instruments LM317DCY Datasheet HTML 11Page - Texas Instruments LM317DCY Datasheet HTML 12Page - Texas Instruments LM317DCY Datasheet HTML 13Page - Texas Instruments LM317DCY Datasheet HTML 14Page - Texas Instruments LM317DCY Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
C1
0.1 µF
R1
120 W
R2
3 kW
INPUT
OUTPUT
ADJUST
LM317
VO
+35 V
R3
680 W
−10 V
2
3
OUT
REF
1
R
R
V
V
1
10 V
R
æ
ö
+
=
+
-
ç
÷
è
ø
14
15
16
17
18
19
20
Tim e – µs
9.98
10.00
10.02
10.04
10.06
10.08
10.10
10.12
V
OUT
V
IN
C
=10µF
ADJ
14
15
16
17
18
19
20
Tim e – µs
9.98
10.00
10.02
10.04
10.06
10.08
10.10
V
OUT
V
IN
C
=0µF
ADJ
LM317
www.ti.com
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
Typical Application (continued)
9.2.3 Application Curves
Figure 10. Line-Transient Response
Figure 11. Line-Transient Response
9.3 System Examples
9.3.1 0-V to 30-V Regulator Circuit
Here, the voltage is determined by
Figure 12. 0-V to 30-V Regulator Circuit
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM317


Podobny numer części - LM317DCY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317DCY TI-LM317DCY Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCY TI-LM317DCY Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCYG3 TI-LM317DCYG3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317DCYR TI-LM317DCYR Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Guangdong Youtai Semico...
LM317DCYR UMW-LM317DCYR Datasheet
1Mb / 7P
   This monolithic integrated circuit is an adjustable 3-terminal
More results

Podobny opis - LM317DCY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com