Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2876 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2876
Szczegółowy opis  Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2876 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2876 Datasheet HTML 1Page - Texas Instruments LM2876 Datasheet HTML 2Page - Texas Instruments LM2876 Datasheet HTML 3Page - Texas Instruments LM2876 Datasheet HTML 4Page - Texas Instruments LM2876 Datasheet HTML 5Page - Texas Instruments LM2876 Datasheet HTML 6Page - Texas Instruments LM2876 Datasheet HTML 7Page - Texas Instruments LM2876 Datasheet HTML 8Page - Texas Instruments LM2876 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2876
www.ti.com
SNAS088C – AUGUST 1995 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Supply Voltage |V+|+|V| (No Signal)
72V
Supply Voltage |V+|+|V| (Input Signal)
70V
Common Mode Input Voltage
(V+ or V) and |V+| + |V|
≤ 60V
Differential Input Voltage
60V
Output Current
Internally Limited
Power Dissipation (4)
125W
ESD Susceptibility (5)
3000V
Junction Temperature (6)
150°C
Soldering Information
NDJ Package (10 seconds)
260°C
Storage Temperature
−40°C to +150°C
θJC
1°C/W
Thermal Resistance(7)
θJA
43°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
All voltages are measured with respect to the GND pin (pin 7), unless otherwise specified.
(4)
For operating at case temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
thermal resistance of
θJC = 1.0 °C/W (junction to case). Refer to the Thermal Resistance figure in the APPLICATION INFORMATION
section under THERMAL CONSIDERATIONS.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(6)
The operating junction temperature maximum is 150°C, however, the instantaneous Safe Operating Area temperature is 250°C.
(7)
The LM2876T package NDJ0011B is a non-isolated package, setting the tab of the device and the heat sink at Vpotential when the
LM2876 is directly mounted to the heat sink using only thermal compound. If a mica washer is used in addition to thermal compound,
θCS (case to sink) is increased, but the heat sink will be isolated from V
.
OPERATING RATINGS
(1) (2) (3)
Temperature Range
TMIN ≤ TA ≤ TMAX
−20°C ≤ TA ≤ +85°C
Supply Voltage |V+| + |V|
20V to 60V
(1)
All voltages are measured with respect to the GND pin (pin 7), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Operation is specified up to 60V, however, distortion may be introduced from SPiKe Protection Circuitry if proper thermal considerations
are not taken into account. Refer to the THERMAL CONSIDERATIONS section for more information. (See SPiKe Protection Response.)
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2876


Podobny numer części - LM2876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876TF NSC-LM2876TF Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results

Podobny opis - LM2876

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
[Old version datasheet]   LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
National Semiconductor ...
LM3876 NSC-LM3876_00 Datasheet
1Mb / 22P
   Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
STMicroelectronics
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
   40W Hi-Fi AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
[Old version datasheet]   LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com