Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2941LD Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2941LD
Szczegółowy opis  1A Low Dropout Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941LD Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2941LD Datasheet HTML 1Page - Texas Instruments LM2941LD Datasheet HTML 2Page - Texas Instruments LM2941LD Datasheet HTML 3Page - Texas Instruments LM2941LD Datasheet HTML 4Page - Texas Instruments LM2941LD Datasheet HTML 5Page - Texas Instruments LM2941LD Datasheet HTML 6Page - Texas Instruments LM2941LD Datasheet HTML 7Page - Texas Instruments LM2941LD Datasheet HTML 8Page - Texas Instruments LM2941LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ON/OFF
GND
INPUT
N/C
ADJ
GND
N/C
OUTPUT
1
3
4
2
6
5
7
8
GND*
* TIE TO GND OR LEAVE FLOATING
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
5 Pin Configuration and Functions
TO-220 (KC) Plastic Package
4 Pins
Top View
TO-263 (KTT) Surface-Mount Package
4 Pins
WSON (NGN)Surface Mount Package
8 Leads
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
KC
KTT
NGN
ADJ
1
1
8
I
Sets output voltage
ON/OFF
2
2
1
I
Enable/Disable control
GND
3
3
2, 7
Ground
IN
4
4
3
I
Input supply
Regulated output voltage. This pin requires an output capacitor to
OUT
5
5
5
O
maintain stability. See the Detailed Design Procedure section for
output capacitor details.
NC
4, 6
No internal connection. Connect to GND or leave open.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2941 LM2941C


Podobny numer części - LM2941LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2941LD TI1-LM2941LD Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LD/NOPB TI1-LM2941LD/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LDX TI1-LM2941LDX Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LDX/NOPB TI1-LM2941LDX/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
More results

Podobny opis - LM2941LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com