Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2941LD Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2941LD
Szczegółowy opis  1A Low Dropout Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941LD Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM2941LD Datasheet HTML 7Page - Texas Instruments LM2941LD Datasheet HTML 8Page - Texas Instruments LM2941LD Datasheet HTML 9Page - Texas Instruments LM2941LD Datasheet HTML 10Page - Texas Instruments LM2941LD Datasheet HTML 11Page - Texas Instruments LM2941LD Datasheet HTML 12Page - Texas Instruments LM2941LD Datasheet HTML 13Page - Texas Instruments LM2941LD Datasheet HTML 14Page - Texas Instruments LM2941LD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
Feature Description (continued)
7.3.3 Thermal Shutdown (TSD)
The LM2941 contains the thermal shutdown circuitry to turn off the output when excessive heat is dissipated in
the LDO. The internal protection circuitry of the LM2941 is designed to protect against thermal overload
conditions. The TSD circuitry is not intended to replace proper heat sinking. Continuously running the device into
thermal shutdown degrades its reliability as the junction temperature will be exceeding the absolute maximum
junction temperature rating.
7.3.4 Thermal Overload Protection
The LM2941 incorporates a linear form of thermal protection that limits the junction temperature (TJ) to typically
155°C.
Should the LM2941 see a fault condition that results in excessive power dissipation and the junction temperature
approaches 155°C, the device will respond by reducing the output current (which reduces the power dissipation)
to hold the junction temperature at 155°C.
Thermal Overload protection is not an ensured operating condition. Operating at, or near to, the thermal overload
condition for any extended period of time is not encouraged, or recommended, as this may shorten the lifetime of
the device.
7.4 Device Functional Modes
7.4.1 Operation With ON/OFF Control
The ON/OFF pin has no internal pull-up or pull-down to establish a default condition and, as a result, this pin
must be terminated externally, either actively or passively. The ON/OFF pin requires a low level to enable the
output, and a high level to disable the output. To ensure reliable operation, the ON/OFF pin voltage must rise
above the maximum ON/OFF(OFF) voltage threshold (2 V) to disable the output, and must fall below the
minimum ON/OFF(ON) voltage threshold (0.8 V) to enable the output. If the ON/OFF function is not needed this
pin can be connected directly to Ground. If the ON/OFF pin is being pulled to a high state through a series
resistor, an allowance must be made for the ON/OFF pin current that will cause a voltage drop across the pull-up
resistor
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2941 LM2941C


Podobny numer części - LM2941LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2941LD TI1-LM2941LD Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LD/NOPB TI1-LM2941LD/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LDX TI1-LM2941LDX Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941LDX/NOPB TI1-LM2941LDX/NOPB Datasheet
3Mb / 26P
[Old version datasheet]   LM2941/LM2941C 1A Low Dropout Adjustable Regulator
More results

Podobny opis - LM2941LD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com