Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN7414DG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN7414DG4
Szczegółowy opis  HEX SCHMITT-TRIGGER INVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN7414DG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN7414DG4 Datasheet HTML 7Page - Texas Instruments SN7414DG4 Datasheet HTML 8Page - Texas Instruments SN7414DG4 Datasheet HTML 9Page - Texas Instruments SN7414DG4 Datasheet HTML 10Page - Texas Instruments SN7414DG4 Datasheet HTML 11Page - Texas Instruments SN7414DG4 Datasheet HTML 12Page - Texas Instruments SN7414DG4 Datasheet HTML 13Page - Texas Instruments SN7414DG4 Datasheet HTML 14Page - Texas Instruments SN7414DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS OF ’LS14 CIRCUITS
Figure 14
0.8
0.4
0.2
0
1.2
1.4
THRESHOLD VOLTAGES AND HYSTERESIS
vs
SUPPLY VOLTAGE
2.0
1.0
0.6
TA = 25°C
1.6
1.8
VCC – Supply Voltage – V
4.75
4.5
5
5.25
5.5
Positive-Going Threshold Voltage, VT+
Negative-Going Threshold Voltage, VT–
Hysteresis, VT+ – VT–
Figure 15
0.4
0
1
0
0.8
2
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
4
1.2
2
3
VI – Input Voltage – V
VCC = 5 V
TA = 25°C
1.6
VT–
VT+
† Data for temperatures below 0
°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are applicable for SN5414 only.


Podobny numer części - SN7414DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN7414DG4 TI-SN7414DG4 Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Podobny opis - SN7414DG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com