Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317MQKTPR Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM317MQKTPR
Szczegółowy opis  3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MQKTPR Arkusz danych(HTML) 5 Page - Texas Instruments

  LM317MQKTPR Datasheet HTML 1Page - Texas Instruments LM317MQKTPR Datasheet HTML 2Page - Texas Instruments LM317MQKTPR Datasheet HTML 3Page - Texas Instruments LM317MQKTPR Datasheet HTML 4Page - Texas Instruments LM317MQKTPR Datasheet HTML 5Page - Texas Instruments LM317MQKTPR Datasheet HTML 6Page - Texas Instruments LM317MQKTPR Datasheet HTML 7Page - Texas Instruments LM317MQKTPR Datasheet HTML 8Page - Texas Instruments LM317MQKTPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0
5
10
15
20
VI − VO − Input-Output Differential − V
7
6
5
4
3
2
1
0
TJ = 125°C
25
30
35
40
TJ = 25°C
8
0
5
10
15
1.00
0.80
0.60
0.40
0.20
0.00
20
25
30
35
40
TJ = 125°C
TJ = 25°C
V – V – Input-Output Differential – V
I
O
0
25
50
TJ − Temperature − °C
1.260
VI = 4.25 V
VO = Vref
IL = 10 mA
1.255
1.250
1.245
1.240
1.235
1.230
1.225
1.220
75
100
125
0
25
50
53
51
49
47
45
43
41
39
37
35
IL = 10 mA
IL = 100 mA
TJ − Temperature − °C
55
75
100
125
VI = 6.25 V
VO = Vref
0
25
50
TJ − Temperature − °C
0.20
0.15
0.10
0.05
0.00
−0.05
−0.10
−0.15
−0.20
−0.25
−0.30
−0.35
−0.40
75
100
125
VI = 45 V
VO = 5 V
IL = 10 mA to 100 mA
VI = 10 V
VO = 5 V
IL = 10 mA to 40 mA
0
25
50
75
100
125
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
TJ − Temperature − °C
VI = 4.25 V to 41.25 V
VO = Vref
IL = 10 mA
LM317M
www.ti.com
SLVS297P – APRIL 2000 – REVISED MARCH 2014
6.6 Typical Characteristics
Figure 1. Line Regulation vs Temperature
Figure 2. Load Regulation vs Temperature
Figure 3. Adjust Terminal Current vs Temperature
Figure 4. Temperature Stability vs Temperature
Figure 6. Output Current Limit vs Input-output Differential
Figure 5. Minimum Operating Current vs Input-output
Voltage
Differential Voltage
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM317M


Podobny numer części - LM317MQKTPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317MQKTPR TI-LM317MQKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
398Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Podobny opis - LM317MQKTPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com