Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3212 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3212
Szczegółowy opis  Step-Down DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3212 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3212_16 Datasheet HTML 3Page - Texas Instruments LM3212_16 Datasheet HTML 4Page - Texas Instruments LM3212_16 Datasheet HTML 5Page - Texas Instruments LM3212_16 Datasheet HTML 6Page - Texas Instruments LM3212_16 Datasheet HTML 7Page - Texas Instruments LM3212_16 Datasheet HTML 8Page - Texas Instruments LM3212_16 Datasheet HTML 9Page - Texas Instruments LM3212_16 Datasheet HTML 10Page - Texas Instruments LM3212_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
1
1.2
1.4
1.6
1.8
2
VOUT = 1.0V, IOUT = 100 mA
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
2.5
2.7
2.9
3.1
3.3
3.5
IOUT = 100 mA
IOUT = 1.0A
IOUT = 2.5A
VCON = 1.36V
Dropout
Switcher
3
3.5
4
4.5
5
5.5
VIN (V)
2.5
0.8
0.82
0.98
0.84
0.86
0.88
0.9
0.92
0.94
0.96
VCON = 0, EN = HIGH
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
0
0.7
0.1
0.2
0.3
0.4
0.5
0.6
25qC
-35qC
90qC
LM3212
www.ti.com
SNOSB37C – DECEMBER 2008 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
ISHDN
vs
vs
Supply Voltage
VIN
Figure 1.
Figure 2.
Switching Frequency
VOUT
vs
vs
Supply Voltage
VIN
Figure 3.
Figure 4.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3212


Podobny numer części - LM3212_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results

Podobny opis - LM3212_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com