Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3279 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM3279
Szczegółowy opis  Buck-Boost Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3279 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM3279_16 Datasheet HTML 6Page - Texas Instruments LM3279_16 Datasheet HTML 7Page - Texas Instruments LM3279_16 Datasheet HTML 8Page - Texas Instruments LM3279_16 Datasheet HTML 9Page - Texas Instruments LM3279_16 Datasheet HTML 10Page - Texas Instruments LM3279_16 Datasheet HTML 11Page - Texas Instruments LM3279_16 Datasheet HTML 12Page - Texas Instruments LM3279_16 Datasheet HTML 13Page - Texas Instruments LM3279_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
400 ns/DIV
2V/DIV
SW2
2V/DIV
SW1
20 mV/DIV
AC_Vout
LM3279
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Typical Performance Characteristics (continued)
(PVIN = EN = 3.6 V and TA = 25°C, unless otherwise noted)
No Load, RFFE Digital Control Mode
VOUT = 1.5 V
Figure 9. VSET_CTRL Voltage vs Output Voltage
Figure 10. Auto Efficiency Mode
VOUT = 2.5 V
VOUT = 3.4 V
Figure 11. Auto Efficiency Mode
Figure 12. Auto Efficiency Mode
VOUT = 3.45 V
PVIN = 3.37 V
LOAD = 500 mA
VOUT = 0.8 ↔ 2 V
PVIN = 3.8 V
RLOAD = 20 Ω
Figure 14. Boost Mode Operation
Figure 13. VOUT Transient
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3279


Podobny numer części - LM3279_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
More results

Podobny opis - LM3279_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
   Non-isolated buck/boost converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com