Zakładka z wyszukiwarką danych komponentów |
|
SN74LVTH574ZQNR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74LVTH574ZQNR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 25 page SN54LVTH574, SN74LVTH574 3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS688G − MAY 1997 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 5) SN54LVTH574 SN74LVTH574 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 2.7 3.6 2.7 3.6 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 5.5 5.5 V IOH High-level output current −24 −32 mA IOL Low-level output current 48 64 mA Δt/Δv Input transition rise or fall rate Outputs enabled 10 10 ns/V Δt/ΔVCC Power-up ramp rate 200 200 μs/V TA Operating free-air temperature −55 125 −40 85 °C NOTE 5: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Podobny numer części - SN74LVTH574ZQNR |
|
Podobny opis - SN74LVTH574ZQNR |