Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTH646 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVTH646
Szczegółowy opis  3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH646 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74LVTH646 Datasheet HTML 1Page - Texas Instruments SN74LVTH646 Datasheet HTML 2Page - Texas Instruments SN74LVTH646 Datasheet HTML 3Page - Texas Instruments SN74LVTH646 Datasheet HTML 4Page - Texas Instruments SN74LVTH646 Datasheet HTML 5Page - Texas Instruments SN74LVTH646 Datasheet HTML 6Page - Texas Instruments SN74LVTH646 Datasheet HTML 7Page - Texas Instruments SN74LVTH646 Datasheet HTML 8Page - Texas Instruments SN74LVTH646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54LVTH646, SN74LVTH646
3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS705H − AUGUST 1997 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Support Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff and Power-Up 3-State Support Hot
Insertion
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
SN54LVTH646 ...JT OR W PACKAGE
SN74LVTH646 . . . DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
SN54LVTH646 . . . FK PACKAGE
(TOP VIEW)
5
6
7
8
9
10
11
25
24
23
22
21
20
19
43
2
1 28
12 13 14 15 16
OE
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
17 18
27 26
NC − No internal connection
CLKAB
SAB
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OE
B1
B2
B3
B4
B5
B6
B7
B8
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
description/ordering information
These bus transceivers and registers are designed specifically for low-voltage (3.3-V) VCC operation, but with
the capability to provide a TTL interface to a 5-V system environment.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE MARKING
SOIC − DW
Tube
SN74LVTH646DW
LVTH646
SOIC − DW
Tape and reel
SN74LVTH646DWR
LVTH646
SOP − NS
Tape and reel
SN74LVTH646NSR
LVTH646
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVTH646DBR
LXH646
−40 C to 85 C
TSSOP − PW
Tube
SN74LVTH646PW
LXH646
TSSOP − PW
Tape and reel
SN74LVTH646PWR
LXH646
TVSOP − DGV
Tape and reel
SN74LVTH646DGVR
LXH646
CDIP − JT
Tube
SNJ54LVTH646JT
SNJ54LVTH646JT
−55
°C to 125°C
CFP − W
Tube
SNJ54LVTH646W
SNJ54LVTH646W
−55 C to 125 C
LCCC − FK
Tube
SNJ54LVTH646FK
SNJ54LVTH646FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74LVTH646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH646 TI-SN74LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH646-EP TI1-SN74LVTH646-EP Datasheet
328Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSVEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTH646DB TI-SN74LVTH646DB Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH646DGV TI-SN74LVTH646DGV Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH646DW TI-SN74LVTH646DW Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74LVTH646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH652 TI-SN54LVTH652 Datasheet
151Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com