Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM339DE4 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM339DE4
Szczegółowy opis  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM339DE4 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM339DE4 Datasheet HTML 1Page - Texas Instruments LM339DE4 Datasheet HTML 2Page - Texas Instruments LM339DE4 Datasheet HTML 3Page - Texas Instruments LM339DE4 Datasheet HTML 4Page - Texas Instruments LM339DE4 Datasheet HTML 5Page - Texas Instruments LM339DE4 Datasheet HTML 6Page - Texas Instruments LM339DE4 Datasheet HTML 7Page - Texas Instruments LM339DE4 Datasheet HTML 8Page - Texas Instruments LM339DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
LM139N, LM239N, LM339N, LM2901N
36
Supply Voltage, V+
LM3302N
28
LM139N, LM239N, LM339N, LM2901N (2)
36
Differential Input Voltage
VDC
LM3302N(2)
28
LM139N, LM239N, LM339N, LM2901N
−0.3
36
Input Voltage
LM3302
–0.3
28
Input Current (VIN<−0.3 VDC)
(3)
50
mA
Power Dissipation(4)
PDIP
1050
Cavity DIP
1190
mW
SOIC Package
760
Output Short-Circuit to GND(5)
Continuous
Lead Temperature (Soldering, 10 seconds)
260
PDIP Package (10 seconds)
260
Soldering Information
Vapor Phase (60 seconds)
215
°C
SOIC Package
Infrared (15 seconds)
220
Storage temperature, Tstg
−65
150
(1)
Refer to RETS139AX for LM139A military specifications and to RETS139X for LM139 military specifications.
(2)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3 VDC (or 0.3 VDC below
the magnitude of the negative power supply, if used) (at 25°C).
(3)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go
to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive
and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3 VDC (at
25°C).
(4)
For operating at high temperatures, the LM339/LM339A, LM2901, LM3302 must be derated based on a 125°C maximum junction
temperature and a thermal resistance of 95°C/W which applies for the device soldered in a printed circuit board, operating in a still air
ambient. The LM239-N and LM139-N must be derated based on a 150°C maximum junction temperature. The low bias dissipation and
the “ON-OFF” characteristic of the outputs keeps the chip dissipation very small (PD≤100 mW), provided the output transistors are
allowed to saturate.
(5)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 20 mA independent of the magnitude of V+.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±600
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Podobny numer części - LM339DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM339DE4 TI-LM339DE4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DE4 TI-LM339DE4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DE4 TI1-LM339DE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DE4 TI-LM339DE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339DE4 TI1-LM339DE4 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

Podobny opis - LM339DE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com