Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCM1804RGER Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCM1804RGER
Szczegółowy opis  1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDCM1804RGER Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CDCM1804RGER Datasheet HTML 6Page - Texas Instruments CDCM1804RGER Datasheet HTML 7Page - Texas Instruments CDCM1804RGER Datasheet HTML 8Page - Texas Instruments CDCM1804RGER Datasheet HTML 9Page - Texas Instruments CDCM1804RGER Datasheet HTML 10Page - Texas Instruments CDCM1804RGER Datasheet HTML 11Page - Texas Instruments CDCM1804RGER Datasheet HTML 12Page - Texas Instruments CDCM1804RGER Datasheet HTML 13Page - Texas Instruments CDCM1804RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
PACKAGE THERMAL RESISTANCE
CONTROL INPUT CHARACTERISTICS
BIAS VOLTAGE VBB
CDCM1804
SCAS697E – JULY 2003 – REVISED MAY 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QFN-24 package thermal resistance(1)
4-layer JEDEC test board (JESD51-7),
RθJA-1
106.6
°C/W
airflow = 0 ft/min
QFN-24 package thermal resistance
4-layer JEDEC test board (JESD51-7) with four
RθJA-2 with thermal vias in PCB
(1)
thermal vias of 22-mil diameter each,
55.4
°C/W
airflow = 0 ft/min
(1)
It is recommended to provide four thermal vias to connect the thermal pad of the package effectively with the PCB and ensure a good
heat sink.
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TChassis = 85°C (temperature of the chassis)
Peffective = Imax × Vmax = 110 mA × 3.6 V = 396 mW (maximum power consumption inside the package)
θT
Junction = R
θJA-2 × Peffective = 55.45°C/W × 396 mW = 21.96°C
TJunction = θTJunction + TChassis = 21.96°C + 85°C = 107°C (the maximum junction temperature of
Tdie-max = 125°C is not violated)
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu
Setup time, S0, S1, S2, and EN terminals before clock IN
25
ns
th
Hold time, S0, S1, S2, and EN terminals after clock IN
0
ns
Time between latching the EN low transition and when all
t(disable)
outputs are disabled (how much time is required until the
10
ns
outputs turn off)
Time between latching the EN low-to-high transition and when
t(enable)
outputs are enabled based on control settings (how much time
1
µs
passes before the outputs carry valid signals)
Rpullup
Internal pullup resistor on S[2:0] and EN inputs
42
60
78
k
VIH(H)
Three-level input high, S0, S1, S2, and EN terminals(1)
0.9 VDD
V
VIM(M)
Three-level input MID, S0, S1, S2, and EN terminals
0.3 VDD
0.7 VDD
V
VIL(L)
Three-level input low, S0, S1, S2, and EN terminals
0.1 VDD
V
IIH
VI = VDD
–5
µA
Input current, S0, S1, S2, and EN terminals
IIL
VI = GND
38
85
µA
(1)
Leaving this terminal floating automatically pulls the logic level high to VDD through an internal pullup resistor of 60 kΩ.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBB
Output reference voltage
VDD = 3 V–3.6 V, IBB = –0.2 mA
VDD – 1.4
VDD – 1.2
V
10


Podobny numer części - CDCM1804RGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM1804RGER TI1-CDCM1804RGER Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1804RGERG4 TI1-CDCM1804RGERG4 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
More results

Podobny opis - CDCM1804RGER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
[Old version datasheet]   CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802 TI1-CDCM1802_15 Datasheet
1Mb / 30P
[Old version datasheet]   CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com