Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74276 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SN74276
Szczegółowy opis  QUADRUPLE J-K FLIP-FLOPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74276 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74276 Datasheet HTML 2Page - Texas Instruments SN74276 Datasheet HTML 3Page - Texas Instruments SN74276 Datasheet HTML 4Page - Texas Instruments SN74276 Datasheet HTML 5Page - Texas Instruments SN74276 Datasheet HTML 6Page - Texas Instruments SN74276 Datasheet HTML 7Page - Texas Instruments SN74276 Datasheet HTML 8Page - Texas Instruments SN74276 Datasheet HTML 9Page - Texas Instruments SN74276 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Podobny numer części - SN74276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74276 TI-SN74276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN74276N TI-SN74276N Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
More results

Podobny opis - SN74276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54276 TI-SN54276 Datasheet
171Kb / 5P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI1-SN54376_10 Datasheet
276Kb / 6P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
SN54376 TI-SN54376 Datasheet
111Kb / 3P
[Old version datasheet]   QUADRUPLE J-K FLIP-FLOPS
logo
Aeroflex Circuit Techno...
UT54ACS109E AEROFLEX-UT54ACS109E Datasheet
146Kb / 10P
   Dual J-K Flip-Flops
logo
Hitachi Semiconductor
HD74HC113 HITACHI-HD74HC113 Datasheet
52Kb / 8P
   Dual J-K Flip-Flops (with Preset)
logo
STMicroelectronics
HCC4095B STMICROELECTRONICS-HCC4095B Datasheet
295Kb / 13P
   GATE J-K MASTER-SLAVE FLIP-FLOPS
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Aeroflex Circuit Techno...
UT54ACS109 AEROFLEX-UT54ACS109 Datasheet
55Kb / 6P
   Radiation-Hardened Dual J-K Flip-Flops
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com