Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3420 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3420
Szczegółowy opis  8.4-V Li-Ion Battery Charge Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3420 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3420 Datasheet HTML 7Page - Texas Instruments LM3420 Datasheet HTML 8Page - Texas Instruments LM3420 Datasheet HTML 9Page - Texas Instruments LM3420 Datasheet HTML 10Page - Texas Instruments LM3420 Datasheet HTML 11Page - Texas Instruments LM3420 Datasheet HTML 12Page - Texas Instruments LM3420 Datasheet HTML 13Page - Texas Instruments LM3420 Datasheet HTML 14Page - Texas Instruments LM3420 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM3420
www.ti.com
SNVS116E – MAY 1998 – REVISED DECEMBER 2014
Feature Description (continued)
Rf ≈ 181 kΩ
(1)
The resistor (Rf) in the formula is an internal resistor located on the die. Since this resistor value affects the
phase margin, the worst case maximum and minimum values are important when analyzing closed loop stability.
The minimum and maximum room temperature values of this resistor are specified in the LM3420 Electrical
Characteristics section of this data sheet, and a curve showing the temperature coefficient is shown in the curves
section. Minimum values of Rf result in lower phase margins.
8.3.2 VREG External Voltage Trim
The regulation voltage (VREG) of the LM3420 can be externally trimmed by adding a single resistor from the
COMP pin to the +IN pin or from the COMP pin to the GND pin, depending on the desired trim direction. Trim
adjustments up to ±10% of VREG can be realized, with only a small increase in the temperature coefficient. (See
temperature coefficient curve shown in Figure 11.)
Figure 11. Normalized Temperature Drift With Output Externally Trimmed
Decreasing VREG
Figure 12. Increasing VREG
Figure 13. Changing VREG
Formula for selecting trim resistor values is shown in Equation 2 and Equation 3, based on the percent of
increase (%incr) or percent of decrease (%decr) of the output voltage from the nominal voltage.
Rincrease = 26 × 10
5/%incr
(2)
Rdecrease = (154 × 10
5/%decr) − 181 × 103
(3)
8.4 Device Functional Modes
8.4.1 Operation as Control Section
The LM3420 is monolithic integrated circuits, which is suitable for charging and end-of-charge control for Lithium-
Ion rechargeable batteries. In this application, LM3420 is the reference and control section in the overall
feedback loop. The regulated voltage is sensed between the IN pin and GND pin. If the voltage at the IN pin is
less than the regulating voltage (VREG), the OUT pin sources no current. As the voltage at the IN pin approaches
the VREG, the OUT pin begins sourcing current, which can drive a feedback device or a power device.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3420


Podobny numer części - LM3420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3420 NSC-LM3420 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420 NSC-LM3420 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Shanghai Leiditech Elec...
LM3420 LEIDITECH-LM3420 Datasheet
1,009Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM3420-12.6 NSC-LM3420-12.6 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-16.8 NSC-LM3420-16.8 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
More results

Podobny opis - LM3420

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
   Li-ion Battery Controller Protection
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
   1 Li-ion/Li-polymer battery charge balance IC
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com