Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3489 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3489
Szczegółowy opis  Hysteretic PFET Buck Controller With Enable Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3489 Datasheet HTML 3Page - Texas Instruments LM3489 Datasheet HTML 4Page - Texas Instruments LM3489 Datasheet HTML 5Page - Texas Instruments LM3489 Datasheet HTML 6Page - Texas Instruments LM3489 Datasheet HTML 7Page - Texas Instruments LM3489 Datasheet HTML 8Page - Texas Instruments LM3489 Datasheet HTML 9Page - Texas Instruments LM3489 Datasheet HTML 10Page - Texas Instruments LM3489 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VOUT RIPPLE
(50 mVac/Div)
Switch Node Voltage, VD1 (10V/Div)
IL (1A/Div)
TIME (2 Ps/DIV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
40
50
60
70
80
90
100
L = 22 PH
R1 = 60.7k
R2 = 20k
VIN = 24V
VIN = 12V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
VIN = 24V
VIN = 12V
L = 22 PH
R1 = 60.7k
R2 = 20k
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
40
50
60
70
80
90
100
VIN = 4.5V
VIN = 24V
VIN = 12V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
VIN = 4.5V
VIN = 24V
VIN = 12V
LM3489
LM3489-Q1
www.ti.com
SNVS443B – MAY 2006 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
All curves taken at VIN = 12V with configuration in Design Information. TJ = 25°C, unless otherwise specified.
Efficiency vs Load Current
VOUT Regulation vs Load Current
(VOUT = 3.3V, L = 22µH)
(VOUT = 3.3V, L = 22µH)
Figure 14.
Figure 15.
Efficiency vs Load Current (VOUT = 5V, L = 22µH)
VOUT Regulation vs Load Current (VOUT = 5V, L = 22µH)
Figure 16.
Figure 17.
Continuous Mode Operation
Power Up (No Load, CADJ = 1nF)
(VIN = 12V, VOUT = 3.3 V, IOUT = 500mA)
Figure 18.
Figure 19.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3489 LM3489-Q1


Podobny numer części - LM3489

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
LM3489-Q1 TI-LM3489-Q1 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489MM NSC-LM3489MM Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
More results

Podobny opis - LM3489

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com