Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3528 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3528
Szczegółowy opis  High Efficiency, Multi Display LED Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 6Page - Texas Instruments LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments LM3528 Datasheet HTML 11Page - Texas Instruments LM3528 Datasheet HTML 12Page - Texas Instruments LM3528 Datasheet HTML 13Page - Texas Instruments LM3528 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LM3528
SNVS513B – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are Nichia (NSSW008C), COUT = 1µF (LED Mode), COUT = 2.2µF (OLED Mode), CIN = 1µF, L = TDK
VLF4012AT-100MR79, (RL = 0.3Ω), RSET = 12.1kΩ, UNI = '1', ILED = ISUB + IMAIN, TA = +25°C unless otherwise specified.
Start-Up Waveform (LED Mode)
Start-Up Waveform (OLED Mode)
(2 × 5 LEDs, 20mA per string)
(VOUT = 18V, IOUT = 60mA)
Channel 2: SDA (5V/div)
Channel 1: SDA (5V/div)
Channel 1: VOUT (10V/div)
Channel 2: VOUT (10V/div)
Channel 3: ILED (20mA/div)
Channel 3: IOUT (20mA/div)
Channel 4: IIN (200mA/div)
Channel 4: IIN (200mA/div)
Time Base: 400µs/div
Time Base: 400µs/div
Figure 29.
Figure 30.
Line Step (LED Mode)
Load Step (OLED Mode)
(2 × 5 LEDs, 20mA per String, COUT = 1µF, VIN from 3V to
(VOUT = 18V, COUT = 2.2µF)
3.6V)
Channel 3: ISUB (5mA/div)
Channel 2: VOUT (AC Coupled, 500mV/div)
Channel 4: IMAIN (5mA/div)
Channel 3: IOUT (20mA/div)
Channel 2: VIN (AC Coupled, 500mV/div)
Time Base: 200µs/div
Time Base: 100µs/div
Figure 31.
Figure 32.
Line Step (OLED Mode)
(VOUT = 18V, COUT = 2.2µF, VIN from 3V to 3.6V)
HWEN Functionality
Channel 2: VOUT (AC Coupled, 100mV/div)
Channel 4: ISUB (20mA/div)
Channel 3: VIN (AC Coupled, 500mV/div)
Channel 3: IMAIN (20mA/div)
Time Base: 200µs/div
Channel 2: HWEN (5V/div)
Time Base: 200ns/div
Figure 33.
Figure 34.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3528


Podobny numer części - LM3528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3528 NSC-LM3528 Datasheet
823Kb / 32P
   High Efficiency, Multi Display LED Driver with 128 Exponential Dimming Steps and Integrated OLED Power Supply in a 1.2mm 횞 1.6mm 關SMD Package
More results

Podobny opis - LM3528

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
[Old version datasheet]   Multi-Display LED Driver
logo
Motorola, Inc
MC14489 MOTOROLA-MC14489 Datasheet
305Kb / 20P
   Multi-Character LED Display/Lamp Driver
MC14489BDWE MOTOROLA-MC14489BDWE Datasheet
2Mb / 22P
   Multi-Character LED Display/Lamp Driver
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
logo
Renesas Technology Corp
ISL98611A RENESAS-ISL98611A Datasheet
229Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com