Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM385BD-1-2 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM385BD-1-2
Szczegółowy opis  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM385BD-1-2 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM385BD-1-2 Datasheet HTML 1Page - Texas Instruments LM385BD-1-2 Datasheet HTML 2Page - Texas Instruments LM385BD-1-2 Datasheet HTML 3Page - Texas Instruments LM385BD-1-2 Datasheet HTML 4Page - Texas Instruments LM385BD-1-2 Datasheet HTML 5Page - Texas Instruments LM385BD-1-2 Datasheet HTML 6Page - Texas Instruments LM385BD-1-2 Datasheet HTML 7Page - Texas Instruments LM385BD-1-2 Datasheet HTML 8Page - Texas Instruments LM385BD-1-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM285-1.2, LM385-1.2, LM385B-1.2
www.ti.com
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
LM285-1.2
LM385-1.2
LM385B-1.2
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reference voltage
IZ = I(min) to 20 mA
(2)
25°C
1.223
1.235
1.247
1.21
1.235
1.26
1.223
1.235
1.247
V
Average temperature
Full
ppm/°
αVZ
coefficient of reference
IZ = I(min) to 20 mA
(2)
±20
±20
±20
Range
C
voltage(3)
25°C
1
1
1
IZ = I(min) to 1 mA
(2)
Full
1.5
1.5
1.5
Range
Change in reference
ΔVZ
mV
voltage with current
25°C
12
20
20
IZ = I(min) to 20 mA
Full
30
30
30
Range
Long-term change in
ppm/k
ΔVZ/Δt
IZ = 100 µA
25°C
±20
±20
±20
reference voltage
hr
Minimum reference
Full
IZ(min)
8
10
8
15
8
15
µA
current
Range
25°C
0.2
0.6
0.4
1
0.4
1
ZZ
Reference impedance
IZ = 100 µA, f = 25 Hz
Ω
Full
1.5
1.5
1.5
Range
Broadband noise
IZ = 100 µA, f = 10 Hz to
Vn
25°C
60
60
60
µV
voltage
10 kHz
(1)
Full range is
−40°C to 85°C for the LM285-1.2 and 0°C to 70°C for the LM385-1.2 and LM385B-1.2.
(2)
I(min) = 10
μA for the LM285-1.2 and 15 μA for the LM385-1.2 and LM385B-1.2
(3)
The average temperature coefficient of reference voltage is defined as the total change in reference voltage divided by the specified
temperature range.
7.6 Typical Characteristics
Figure 1. Reverse Current vs Reverse Voltage
Figure 2. Reference Voltage Change vs Reverse Current
Copyright © 1989–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2


Podobny numer części - LM385BD-1-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM385BD-1-2 TI-LM385BD-1-2 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385BD-1-2 TI1-LM385BD-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Podobny opis - LM385BD-1-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com