Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3646 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM3646
Szczegółowy opis  1.5-A Synchronous Boost Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3646 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM3646_16 Datasheet HTML 4Page - Texas Instruments LM3646_16 Datasheet HTML 5Page - Texas Instruments LM3646_16 Datasheet HTML 6Page - Texas Instruments LM3646_16 Datasheet HTML 7Page - Texas Instruments LM3646_16 Datasheet HTML 8Page - Texas Instruments LM3646_16 Datasheet HTML 9Page - Texas Instruments LM3646_16 Datasheet HTML 10Page - Texas Instruments LM3646_16 Datasheet HTML 11Page - Texas Instruments LM3646_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C014
I
LED = 1.5A, VLED = 4.5V
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C015
I
LED = 1.5A, VLED = 4.5V
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C012
I
LED = 1.5A, VLED = 4.5V
1.4
1.6
1.8
2
2.2
2.4
2.6
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C013
I
LED = 1.5A, VLED = 4.5V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C010
I
LED = 1.5A, VLED = 4.5V
1.4
1.5
1.6
1.7
1.8
1.9
2
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
V
IN (V)
TA = +25ºC
TA = -40ºC
TA = +85ºC
C011
I
LED = 1.5A, VLED = 4.5V
LM3646
SNVS962A – DECEMBER 2013 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA= 25°C; VIN = 3.6 V; VEN = VIN; CIN = 10 µF; COUT = 10 µF; L = 1 µH.
Figure 8. Inductor Current vs. Input Voltage, CL = 1.3 A
Figure 9. Inductor Current vs. Input Voltage, CL = 1.6 A
Figure 10. Inductor Current vs. Input Voltage, CL = 1.9 A
Figure 11. Inductor Current vs. Input Voltage, CL = 2.2 A
Figure 12. Inductor Current vs. Input Voltage, CL = 2.5 A
Figure 13. Inductor Current vs. Input Voltage, CL = 2.8 A
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM3646


Podobny numer części - LM3646_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
More results

Podobny opis - LM3646_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com