Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27224A Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM27224A
Szczegółowy opis  LM2724A High Speed 3A Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM27224A Arkusz danych(HTML) 4 Page - Texas Instruments

  LM27224A Datasheet HTML 1Page - Texas Instruments LM27224A Datasheet HTML 2Page - Texas Instruments LM27224A Datasheet HTML 3Page - Texas Instruments LM27224A Datasheet HTML 4Page - Texas Instruments LM27224A Datasheet HTML 5Page - Texas Instruments LM27224A Datasheet HTML 6Page - Texas Instruments LM27224A Datasheet HTML 7Page - Texas Instruments LM27224A Datasheet HTML 8Page - Texas Instruments LM27224A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NRND
LM2724A
SNVS242C – JUNE 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics — LM2724A
VCC = BOOT = SYNC = 5V, SW = GND = 0V, unless otherwise specified. Tyicals and limits appearing in plain type apply for
TA = TJ = +25°C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
POWER SUPPLY
Iq_op
Operating Quiescent Current
IN = 0V
145
195
µA
TOP DRIVER
Peak Pull-Up Current
3.0
A
Pull-Up Rds_on
IBOOT = IHG = 0.3A
1.2
Ω
Peak Pull-down Current
−3.2
A
Pull-down Rds_on
ISW = IHG = 0.3A
0.5
Ω
t4
Rise Time
Timing Diagram, CLOAD = 3.3nF
17
ns
t6
Fall Time
12
ns
t3
Pull-Up Dead Time
Timing Diagram
19
ns
t5
Pull-Down Delay
Timing Diagram, from IN Falling Edge
27
ns
BOTTOM DRIVER
Peak Pull-Up Current
3.2
A
Pull-up Rds_on
IVCC = ILG = 0.3A
1.1
Ω
Peak Pull-down Current
3.2
A
Pull-down Rds_on
IGND = ILG = 0.3A
0.6
t8
Rise Time
Timing Diagram, CLOAD = 3.3nF
17
ns
t2
Fall Time
14
ns
t7
Pull-up Dead Time
Timing Diagram
22
ns
t1
Pull-down Delay
Timing Diagram
13
ns
LOGIC
Vuvlo_up
VCC Under-Voltage-Lock-Out Upper Threshold
VCC rises from 0V toward 5V
4
V
Vuvlo_dn
VCC Under-Voltage-Lock-Out Lower Threshold
VCC falls from 5V toward 0V
2.5
V
Vuvlo_hys
VCC Under-Voltage-Lock-Out Hysteresis
VCC falls from 5V toward 0V
0.8
V
VIH_SYNC
SYNC Pin High Input
55%
VCC
VIL_SYNC
SYNC Pin Low Input
25%
Ileak_SYNC SYNC Pin Leakage Current
SYNC = 5V, Sink Current
2
µA
SYNC = 0V, Source Current
10
Ileak_IN
IN = 0V, Source Current
2
IN Pin Leakage Current
µA
IN = 5V, Sink Current
10
ton_min1
Minimum Positive Pulse Width at IN Pin(1)
160
ton_min2
Minimum Positive Pulse Width at IN Pin for HG to
45
Respond(2)
ton_min3
Minimum Positive Pulse Width at IN Pin for LG to
10
Respond(3)
ns
toff_min1
Minimum Negative Pulse Width at IN Pin for LG
40
to Respond(4)
toff_min2
Minimum Negative Pulse Width at IN Pin for HG
5
to Respond(5)
VIH_IN
IN High Level Input Voltage
When IN pin goes high from 0V
55%
VCC
VIL_IN
IN Low Level Input Voltage
When IN pin goes low from 5V
25%
(1)
If the positive pulse width at IN pin is below this value but above ton_min2, the pulse is internally stretched to ton_min1, so the HG width will
be a constant value.
(2)
If the positive pulse width at IN pin is below this value but above ton_min3, then HG stops responding while LG still responds to the pulse.
(3)
If the positive pulse width at IN pin is below this value, the pulse will be completely ignored. Neither HG or LG will respond to it.
(4)
If the negative pulse width at IN pin is below this value but above toff_min2, then LG stops responding while HG still responds.
(5)
If the negative pulse width at IN pin is below this value, the pulse will be completely ignored. Neither HG or LG will respond to it.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2724A


Podobny numer części - LM27224A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222 TI-LM27222 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
National Semiconductor ...
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Texas Instruments
LM27222M TI-LM27222M Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Podobny opis - LM27224A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com