Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT162601DLR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74ABT162601DLR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 16 page SN54ABT162601, SN74ABT162601 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS247G – AUGUST 1992 – REVISED JULY 1998 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT162601 SN74ABT162601 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 A port VCC = 5 V, IOH = –3 mA 3 3 3 A port VCC =4 5V IOH = –24 mA 2 2 VOH VCC = 4.5 V IOH = –32 mA 2* 2 V VOH VCC = 4.5 V, IOH = –1 mA 3.35 3.3 3.35 V B port VCC = 5 V, IOH = –1 mA 3.85 3.8 3.85 B port VCC =4 5V IOH = –3 mA 3.1 3 3.1 VCC = 4.5 V IOH = –12 mA 2.6 2.6 A port VCC =4 5V IOL = 48 mA 0.55 0.55 VOL A port VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V B port VCC = 4.5 V, IOL = 12 mA 0.8 0.8 0.8 Vhys 100 mV II Control inputs VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA II A or B ports VCC = 2.1 V to 5.5 V, VI = VCC or GND ±20 ±20 ±20 µA IOZPU VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X ±50 ±50** ±50 µA IOZPD VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X ±50 ±50** ±50 µA IOZH‡ VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V 10 10 10 µA IOZL‡ VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V –10 –10 –10 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100* ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA IO§ A port VCC =5 5V VO =2 5V –50 –100 –180 –50 –180 –50 –180 mA IO§ B port VCC = 5.5 V, VO = 2.5 V –25 –55 –100 –25 –100 –25 –100 mA VCC = 5.5 V, Outputs high 3 3 3 ICC A or B ports VCC = 5.5 V, IO = 0, Outputs low 36 36 36 mA VI = VCC or GND Outputs disabled 3 3 3 ∆ICC¶ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 50 50 50 µA Ci Control inputs VI = 2.5 V or 0.5 V 3 pF Cio A or B ports VO = 2.5 V or 0.5 V 9 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. ** On products compliant to MIL-PRF-38535, this parameter is not production tested. † All typical values are at VCC = 5 V. ‡ The parameters IOZH and IOZL include the input leakage current. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. |
Podobny numer części - SN74ABT162601DLR |
|
Podobny opis - SN74ABT162601DLR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |