Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD1016H-SS Arkusz danych(PDF) 6 Page - LDT Co., Ltd

Numer części LD1016H-SS
Szczegółowy opis  16 Channel Constant current LED Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LDT [LDT Co., Ltd]
Strona internetowa  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1016H-SS Arkusz danych(HTML) 6 Page - LDT Co., Ltd

Back Button LD1016H-SS Datasheet HTML 2Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 3Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 4Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 5Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 6Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 7Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 8Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 9Page - LDT Co., Ltd LD1016H-SS Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Ve 2.1
5
LD1016H
16 Channel Constant current LED Driver
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
ELECTRICAL CHARACTERISTICS
(Ta = 25oC unless otherwise noted)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
V
DD
4.5
5.0
5.5
V
Output Voltage
V
OUT
5.5
-
Output
Current
OUTn
I
OUT
3
90
mA
DOUT
I
OH
-1.0
I
OL
1.0
Input
Voltage
„H” Level
V
IH
0.8V
DD
-
1.0V
DD
V
„L” Level
V
IL
GND
-
0.2V
DD
Output
Voltage
DOUT
„L” Level
V
OL
GND
-
0.2V
DD
V
V
OH
0.8V
DD
-
V
DD
Output
Current1
I
OL1
R
EXT = 1.1 ㏀
20
mA
Delta IOUT
ㅿI
OL1
R
EXT = 1.1 ㏀
I
OUT = 20mA
±1.5
%
Output
Current2
I
OL2
R
EXT = 0.53 ㏀
40
mA
Delta IOUT
ㅿI
OL2
R
EXT = 0.53 ㏀
I
OUT = 40mA
±1.5
%
Output Current vs.
Supply Voltage Regulation
%/V
DD
R
EXT = 0.53 ㏀
+6.0
%
Pull Up Resistor
R
UP
100
200
400
Pull Down Resistor
R
DOWN
100
200
400
Supply Current
I
DD(off)1
R
EXT = OPEN
1
2
mA
I
DD(off)2
R
EXT = 1.1 ㏀
I
OUTn = 20mA
3
5.4
mA
I
DD(off)3
R
EXT = 0.53 ㏀
I
OUT = 40mA
6
8
mA
I
DD(on)1
R
EXT = 1.1 ㏀
I
OUTn = 20mA
3
5.4
mA
I
DD(on)2
R
EXT = 0.53 ㏀
I
OUT = 40mA
6
8
mA


Podobny numer części - LD1016H-SS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
LD1016PD LDT-LD1016PD Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
LD1016SK LDT-LD1016SK Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
LD1016SP LDT-LD1016SP Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results

Podobny opis - LD1016H-SS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com