Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC594PW Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC594PW
Szczegółowy opis  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594PW Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74AHC594PW Datasheet HTML 3Page - Texas Instruments SN74AHC594PW Datasheet HTML 4Page - Texas Instruments SN74AHC594PW Datasheet HTML 5Page - Texas Instruments SN74AHC594PW Datasheet HTML 6Page - Texas Instruments SN74AHC594PW Datasheet HTML 7Page - Texas Instruments SN74AHC594PW Datasheet HTML 8Page - Texas Instruments SN74AHC594PW Datasheet HTML 9Page - Texas Instruments SN74AHC594PW Datasheet HTML 10Page - Texas Instruments SN74AHC594PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SRCLK
SER
RCLK
SRCLR
RCLR
QA
QB
QC
QD
QE
QF
QG
QH
QH′
SN54AHC594, SN74AHC594
www.ti.com
SCLS423G – JUNE 1998 – REVISED JULY 2014
Figure 1. Timing Diagram
6.8 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
TA = 25°C
SN54AHC594(1)
SN74AHC594
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
80(2)
120(1)
70(2)
70
fmax
MHz
CL = 50 pF
55
105
50
50
tPLH
4.6(3)
8(3)
1(3)
8.5(3)
1
8.5
RCLK
QA – QH
CL = 15 pF
ns
tPHL
4.9(3)
8.2(3)
1(3)
8.8(3)
1
8.8
tPLH
5.4(3)
9.1(3)
1(3)
9.7(3)
1
9.7
SRCLK
QH'
CL = 15 pF
ns
tPHL
5.5(3)
9.2(3)
1(3)
9.9(3)
1
9.9
tPHL
RCLR
QA – QH
CL = 15 pF
6(3)
9.8(3)
1(3)
10.6(3)
1
10.6
ns
tPHL
SRCLR
QH'
CL = 15 pF
5.6(3)
9.2(3)
1(3)
10(3)
1
10
ns
tPLH
6.9
10.5
1
11.1
1
11.1
RCLK
QA – QH
CL = 50 pF
ns
tPHL
8.1
11.9
1
13.1
1
13.1
tPLH
7.7
11.7
1
12.4
1
12.4
SRCLK
QH'
CL = 50 pF
ns
tPHL
8.4
12.5
1
13.9
1
13.9
tPHL
RCLR
QA – QH
CL = 50 pF
9.1
13.1
1
14.4
1
14.4
ns
tPHL
SRCLR
QH'
CL = 50 pF
8.5
12.4
1
14
1
14
ns
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHC594 SN74AHC594


Podobny numer części - SN74AHC594PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC594PW TI-SN74AHC594PW Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594PWE4 TI-SN74AHC594PWE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594PWR TI-SN74AHC594PWR Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594PWRE4 TI-SN74AHC594PWRE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Podobny opis - SN74AHC594PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com