Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-55U-CF Arkusz danych(PDF) 7 Page - DDK Ltd.

Numer części N-P-55U-CF
Szczegółowy opis  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DDK [DDK Ltd.]
Strona internetowa  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-P-55U-CF Arkusz danych(HTML) 7 Page - DDK Ltd.

Back Button N-P-55U-CF Datasheet HTML 3Page - DDK Ltd. N-P-55U-CF Datasheet HTML 4Page - DDK Ltd. N-P-55U-CF Datasheet HTML 5Page - DDK Ltd. N-P-55U-CF Datasheet HTML 6Page - DDK Ltd. N-P-55U-CF Datasheet HTML 7Page - DDK Ltd. N-P-55U-CF Datasheet HTML 8Page - DDK Ltd. N-P-55U-CF Datasheet HTML 9Page - DDK Ltd. N-P-55U-CF Datasheet HTML 10Page - DDK Ltd. N-P-55U-CF Datasheet HTML 11Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
7
○Receptacle Jack
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
N-PJ-3取付参考寸法
N-PJ-5取付け
N-R取付け
□25.4
(46)
C
B
2.0
4-φ3.2
18.2±0.05
φ17.8
+0.1
0
4-φ3.2
+0.1
0
C
2.0
(47)
□25.4
D
18.2
□25.4
18.7
L
2
4-φ3.2
4-φA
18.24±0.05
18.2±0.05
φ18.0
+0.1
0
4-φ3.2
+0.1
0
4-φ3.2
+0.1
0
φ15.0
+0.1
0
Panel Mounting Dimensions
○Dust Cap
(60)
(71)
5/8-24UNEF-2B
11.1
5/8-24UNEF-2B
(φ3.5)
Part Number
Finish
N-RC-5
Ni
N-RC-5-D1
Ag
Part Number
Finish
N-RC-3-CF
Ni
Part Number
L
Finish
φA
Outer
Conductor
Center
Conductor
N-R-CF
29
Ag
Ag
φ 3.2
N-R-Ni-CF
29
Ni
Ag
φ 3.2
N-R-NiCAu-CF
29
Ni
Au
φ 3.2
UG-58A/U-CF
29
Ag
Ag
φ 3.2


Podobny numer części - N-P-55U-CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N-P-5DFB(40) HIROSE-N-P-5DFB(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DFXL(41) HIROSE-N-P-5DFXL(41) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DV(40) HIROSE-N-P-5DV(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
N-P-5DW(40) HIROSE-N-P-5DW(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Podobny opis - N-P-55U-CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com