Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-8-1-CF Arkusz danych(PDF) 8 Page - DDK Ltd.

Numer części N-P-8-1-CF
Szczegółowy opis  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DDK [DDK Ltd.]
Strona internetowa  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-P-8-1-CF Arkusz danych(HTML) 8 Page - DDK Ltd.

Back Button N-P-8-1-CF Datasheet HTML 4Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 5Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 6Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 7Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 8Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 9Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 10Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 11Page - DDK Ltd. N-P-8-1-CF Datasheet HTML 12Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
Nut
Washer
Gasket
Contact
Clamp
Washer
Insulator
Body
L1
15mm
Clamp
Sheath
Outer
Conductor
Gasket
Washer
Nut
5.0mm
3.5~4.0mm
3.5mm
Canter Conductor
(Pre-soldering)
Insulator
Pick the outer conductor and turn
down to the clamp equally.
Soldering
Contact
No gap
Washer
Insulator
Washer
Insulator
Nut
Washer
Gasket
Contact
Clamp
Washer
Insulator
Body
L1
15mm
Clamp
Sheath
Outer
Conductor
Gasket
Washer
Nut
5.0mm
3.5~4.0mm
3.5mm
Canter Conductor
(Pre-soldering)
Insulator
Pick the outer conductor and turn
down to the clamp equally.
Soldering
Contact
No gap
Washer
Insulator
Washer
Insulator
① L=The Cable length require for the single-ended
cable assembly.
L=L1-10
○Assembly Instruction(1) Straight Cable Plug
8
Parts Configulration
Insert the nut, washer and gasket into the cable.
  Cut the sheath 15mm from the end of the cable
and insert the clamp.
Please be careful to not damage the outer
conductor.
Pick the outer conductor and turn down to the
clamp. Cut the outer conductor along the clamp.
Cut the insulator and center conductor as fig.3.
Please be careful to not damage the center
conductor.
Insert the ring and insulator as fig. 5.
● In case of the insulator which has directivity,
insert the insulator as below direction and fit
the thinner side of the insulator into the inside
diameter of the washer.
Solder up the contact with the center conductor.
Please be careful to not deform the
insulator by heat.
When the solder is stick out, please shave
the extra solder.
No gap between contact and insulator of
the cable.
Insert the above assembly into the body and screw
up by wrench.
Applicable Cable
Recommended Tightening Torque
3C-2V, 3D-2V, 3C-2W,3D-2W,
RG-55/U, RG-58/U
196 〜 392N・cm(20 〜 40kgf・cm)
5C-2V, 5D-2V
392N・cm(40kgf・cm)
5C-2W, 5D-2W
490 〜 686N・cm(50 〜 70kgf・cm)
5D-FB
441 〜 539N・cm(45 〜 55kgf・cm)
RG-8/U, RG-9/U
343 〜 392N・cm(35 〜 40kgf・cm)


Podobny numer części - N-P-8-1-CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N-P-8DGXC(40) HIROSE-N-P-8DGXC(40) Datasheet
1Mb / 12P
   50 ohms wide varieties standard connectors
More results

Podobny opis - N-P-8-1-CF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com