Zakładka z wyszukiwarką danych komponentów |
|
LM4040B25ILP Arkusz danych(PDF) 8 Page - Texas Instruments |
|
LM4040B25ILP Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 53 page DVZ DIZ LM4040A10, LM4040A20 SLOS456M – JANUARY 2005 – REVISED JANUARY 2015 www.ti.com 7.7 LM4040C20Q, LM4040D20Q Electrical Characteristics at extended temperature range, full-range TA = –40°C to 125°C (unless otherwise noted) LM4040C20Q LM4040D20Q PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX VZ Reverse breakdown voltage IZ = 100 μA 25°C 2.048 2.048 V 25°C –10 10 –20 20 Reverse breakdown voltage ΔVZ IZ = 100 μA mV tolerance Full range –30 30 –50 50 25°C 45 75 45 75 IZ,min Minimum cathode current μA Full range 80 80 IZ = 10 mA 25°C ±20 ±20 25°C ±15 ±15 Average temperature coefficient αVZ IZ = 1 mA ppm/°C of reverse breakdown voltage Full range ±100 ±150 IZ = 100 μA 25°C ±15 ±15 25°C 0.3 0.8 0.3 1 IZ,min < IZ < 1 mA Reverse breakdown voltage Full range 1 1.2 change with cathode current mV 25°C 2.5 6 2.5 8 change 1 mA < IZ < 15 mA Full range 8 10 IZ = 1 mA, f = 120 Hz, ZZ Reverse dynamic impedance 25°C 0.3 0.9 0.3 1.1 Ω IAC = 0.1 IZ IZ = 100 μA, eN Wideband noise 25°C 35 35 μVRMS 10 Hz ≤ f ≤ 10 kHz t = 1000 h, Long-term stability of reverse TA = 25°C ± 0.1°C, 120 120 ppm breakdown voltage IZ = 100 μA VHYST Thermal hysteresis(1) ΔTA = –40°C to 125°C 0.08% 0.08% — (1) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). 8 Submit Documentation Feedback Copyright © 2005–2015, Texas Instruments Incorporated Product Folder Links: LM4040A10 LM4040A20 |
Podobny numer części - LM4040B25ILP |
|
Podobny opis - LM4040B25ILP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |