Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC1GU04 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SN74AHC1GU04
Szczegółowy opis  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1GU04 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74AHC1GU04_16 Datasheet HTML 5Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 6Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 7Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 8Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 9Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 10Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 11Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 12Page - Texas Instruments SN74AHC1GU04_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R
CMOS Inverter
C1
F
Crystal
C2
SN74AHC1GU04
www.ti.com
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
A CMOS inverter is used as a linear amplifier in oscillator applications. Similar to a conventional amplifier, their
open-loop gain is a critical characteristic. The bandwidth of an inverter decreases as the operating voltage
decreases. The open-loop gain of the AHC1GU04 device is shown in Figure 6.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads, so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
For rise time and fall time specifications, see
Δt/ΔV in the Recommended Operating Conditions table.
For specified High and low levels, see VIH and VIL in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part.
Outputs should not be pulled above VCC.
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AHC1GU04


Podobny numer części - SN74AHC1GU04_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC1GU04 TI1-SN74AHC1GU04_18 Datasheet
1Mb / 28P
[Old version datasheet]   Single Inverter Gate
More results

Podobny opis - SN74AHC1GU04_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com