Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC1G00DBV Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74AHC1G00DBV
Szczegółowy opis  SN74AHC1G00 Single 2-Input Positive-NAND Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G00DBV Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74AHC1G00DBV Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
A
2
B
3
GND
4
Y
5
V
CC
1
A
2
B
3
GND
4
Y
5
V
CC
1
A
2
B
3
GND
4
Y
5
V
CC
3
SN74AHC1G00
www.ti.com
SCLS313O – MARCH 1996 – REVISED APRIL 2016
Product Folder Links: SN74AHC1G00
Submit Documentation Feedback
Copyright © 1996–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
DRL Package
5-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
A
I
A input
2
B
I
B input
3
GND
Ground
4
Y
O
Output
5
VCC
Power


Podobny numer części - SN74AHC1G00DBV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC1G00DBV TI-SN74AHC1G00DBV Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBV TI1-SN74AHC1G00DBV Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI1-SN74AHC1G00DBVR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results

Podobny opis - SN74AHC1G00DBV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com