Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS841 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALS841
Szczegółowy opis  10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS841 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ALS841 Datasheet HTML 3Page - Texas Instruments SN74ALS841 Datasheet HTML 4Page - Texas Instruments SN74ALS841 Datasheet HTML 5Page - Texas Instruments SN74ALS841 Datasheet HTML 6Page - Texas Instruments SN74ALS841 Datasheet HTML 7Page - Texas Instruments SN74ALS841 Datasheet HTML 8Page - Texas Instruments SN74ALS841 Datasheet HTML 9Page - Texas Instruments SN74ALS841 Datasheet HTML 10Page - Texas Instruments SN74ALS841 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74ALS841, SN74AS841A, SN74ALS842
10-BIT BUS-INTERFACE D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS059C – DECEMBER 1983 – REVISED JANUARY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
SN74AS841A
MIN
MAX
tPLH
D
Q
1
6.5
ns
tPHL
D
Q
1
10.5
ns
tPLH
LE
Q
2
12
ns
tPHL
LE
Q
2
12
ns
tPZH
OE
Q
2
14
ns
tPZL
OE
Q
2
16
ns
tPHZ
OE
Q
1
8
ns
tPLZ
OE
Q
1
8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Podobny numer części - SN74ALS841

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841DW TI-SN74ALS841DW Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841DW TI-SN74ALS841DW Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841FN TI-SN74ALS841FN Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALS841

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT841ADBR TI-SN74ABT841ADBR Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com