Zakładka z wyszukiwarką danych komponentów |
|
UA78L10ACDE4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
UA78L10ACDE4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 20 page μA78L00 www.ti.com SLVS010U – JANUARY 1976 – REVISED MAY 2011 uA78L12 Electrical Characteristics at specified virtual junction temperature, VI = 19 V, IO = 40 mA (unless otherwise noted) μA78L12C μA78L12AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 11.1 12 12.9 11.5 12 12.5 VI = 14 V to 27 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 10.8 13.2 11.4 12.6 V IO = 1 mA to 70 mA 0°C to 125°C 10.8 13.2 11.4 12.6 VI = 14.5 V to 27 V 55 250 55 250 Input voltage 25°C mV regulation VI = 16 V to 27 V 49 200 49 200 VI = 15 V to 25 V, Ripple rejection 25°C 36 42 37 42 dB f = 120 Hz IO = 1 mA to 100 mA 22 100 22 100 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 13 50 13 50 Output noise f = 10 Hz to 100 kHz 25°C 70 70 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 4.3 6.5 4.3 6.5 Bias current mA 125°C 6 6 VI = 16 V to 27 V 1.5 1.5 Bias current 0°C to 125°C mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. uA78L15 Electrical Characteristics at specified virtual junction temperature, VI = 23 V, IO = 40 mA (unless otherwise noted) μA78L15C μA78L15AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 13.8 15 16.2 14.4 15 15.6 VI = 17.5 V to 30 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 13.5 16.5 14.25 15.75 V IO = 1 mA to 70 mA 0°C to 125°C 13.5 16.5 14.25 15.75 VI = 17.5 V to 30 V 65 300 65 300 Input voltage 25°C mV regulation VI = 20 V to 30 V 58 250 58 250 VI = 18.5 V to 28.5 V, Ripple rejection 25°C 33 39 34 39 dB f = 120 Hz IO = 1 mA to 100 mA 25 150 25 150 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 15 75 15 75 Output noise f = 10 Hz to 100 kHz 25°C 82 82 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 4.6 6.5 4.6 6.5 Bias current mA 125°C 6 6 VI = 10 V to 30 V 1.5 1.5 Bias current 0°C to 125°C mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. Copyright © 1976–2011, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links :μA78L00 |
Podobny numer części - UA78L10ACDE4 |
|
Podobny opis - UA78L10ACDE4 |