Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT2229DWR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT2229DWR
Szczegółowy opis  DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2229DWR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ACT2229DWR Datasheet HTML 1Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 2Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 3Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 4Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 5Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 6Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 7Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 8Page - Texas Instruments SN74ACT2229DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN74ACT2227, SN74ACT2229
DUAL 64
× 1, DUAL 256 × 1
FIRST-IN, FIRST-OUT MEMORIES
SCAS220C – JUNE 1992 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Dual Independent FIFOs Organized as:
64 Words by 1 Bit Each – SN74ACT2227
256 Words by 1 Bit Each – SN74ACT2229
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident on Each
FIFO
D Input-Ready Flags Synchronized to Write
Clocks
D Output-Ready Flags Synchronized to Read
Clocks
D Half-Full and Almost-Full/Almost-Empty
Flags
D Support Clock Frequencies up to 60 MHz
D Access Times of 9 ns
D 3-State Data Outputs
D Low-Power Advanced CMOS Technology
D Packaged in 28-Pin SOIC Package
description
The SN74ACT2227 and SN74ACT2229 are dual FIFOs suited for a wide range of serial-data buffering
applications including elastic stores for frequencies up to OC-1 telecommunication rates. Each FIFO on the chip
is arranged as 64
× 1 (SN74ACT2227) or 256 × 1 (SN74ACT2229) and has control signals and status flags for
independent operation. Output flags for each FIFO include input ready (1IR or 2IR), output ready (1OR or 2OR),
half full (1HF or 2HF), and almost full/almost empty (1AF/AE or 2AF/AE).
Serial data is written into a FIFO on the low-to-high transition of the write-clock (1WRTCLK or 2WRTCLK) input
when the write-enable (1WRTEN or 2WRTEN) input and input-ready flag (1IR or 2IR) output are both high.
Serial data is read from a FIFO on the low-to-high transition of the read-clock (1RDCLK or 2RDCLK) input when
the read-enable (1RDEN or 2RDEN) input and output-ready flag (1OR or 2OR) output are both high. The read
and write clocks of a FIFO can be asynchronous to one another. A FIFO data output (1Q or 2Q) is in the
high-impedance state when its output-enable (1OE or 2OE) input is low.
Each input-ready flag (1IR or 2IR) is synchronized by two flip-flop stages to its write clock (1WRTCLK or
2WRTCLK), and each output-ready flag (1OR or 2OR) is synchronized by three flip-flop stages to its read clock
(1RDCLK or 2RDCLK). This multistage synchronization ensures reliable flag-output states when data is written
and read asynchronously.
A half-full flag (1HF or 2HF) is high when the number of bits stored in its FIFO is greater than or equal to half
the depth of the FIFO. An almost-full/almost-empty flag (1AF/AE or 2AF/AE) is high when eight or fewer bits
are stored in its FIFO and when eight or fewer empty locations are left in the FIFO. A bit present on the data
output is not stored in the FIFO.
The SN74ACT2227 and SN74ACT2229 are characterized for operation from – 40
°C to 85°C.
For more information on this device family, see the application report
FIFOs With a Word Width of One Bit
(literature number SCAA006).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1HF
1AF/AE
1WRTCLK
1WRTEN
1IR
1D
GND
GND
1RESET
2Q
2OR
2RDEN
2RDCLK
2OE
1OE
1RDCLK
1RDEN
1OR
1Q
2RESET
VCC
VCC
2D
2IR
2WRTEN
2WRTCLK
2AF/AE
2HF
DW PACKAGE
(TOP VIEW)


Podobny numer części - SN74ACT2229DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT2229DW TI-SN74ACT2229DW Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74ACT2229DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com