Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS27ADRE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALS27ADRE4
Szczegółowy opis  TRIPLE 3-INPUT POSITIVE-NOR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS27ADRE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74ALS27ADRE4 Datasheet HTML 3Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 4Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 5Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 6Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 7Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 8Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 9Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 10Page - Texas Instruments SN74ALS27ADRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SNJ54ALS27AW
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-8683801DA
SNJ54ALS27AW
SNJ54AS27FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
-55 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Podobny numer części - SN74ALS27ADRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS27AD TI-SN74ALS27AD Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results

Podobny opis - SN74ALS27ADRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com