Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS27ANSR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALS27ANSR
Szczegółowy opis  TRIPLE 3-INPUT POSITIVE-NOR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS27ANSR Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74ALS27ANSR Datasheet HTML 1Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 2Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 3Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 4Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 5Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 6Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 7Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 8Page - Texas Instruments SN74ALS27ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54ALS27A, SN54AS27, SN74ALS27A, SN74AS27
TRIPLE 3INPUT POSITIVENOR GATES
SDAS112B − APRIL 1982 − REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS27A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS27A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS27A
SN74ALS27A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8‡
0.8
V
VIL
Low-level input voltage
0.7§
V
IOH
High-level output current
− 0.4
− 0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
‡ Applies over temperature range − 55°C to 70°C
§ Applies over temperature range 70°C to 125°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS27A
SN74ALS27A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP¶
MAX
MIN
TYP¶
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
−1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO#
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 0
0.97
1.8
0.97
1.8
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
2
4
2
4
mA
¶ All typical values are at VCC = 5 V, TA = 25°C.
# The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Podobny numer części - SN74ALS27ANSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS27AN TI-SN74ALS27AN Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results

Podobny opis - SN74ALS27ANSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com