Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVC164245DGGTE4 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części 74ALVC164245DGGTE4
Szczegółowy opis  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVC164245DGGTE4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button 74ALVC164245DGGTE4 Datasheet HTML 7Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 8Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 9Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 10Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 11Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 12Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 13Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 14Page - Texas Instruments 74ALVC164245DGGTE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOHA
VOLA
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
VCCA = 6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOHA
VOLA
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
0 V
Input
3 V
≈3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VCCA = 6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
V
CCB = 5 V ± 0.5 V to VCCA = 2.7 V and 3.3 V ± 0.3 V
Figure 4. Load Circuit and Voltage Waveforms
11


Podobny numer części - 74ALVC164245DGGTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ALVC164245DGGTE4 TI-74ALVC164245DGGTE4 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245DGGTE4 TI-74ALVC164245DGGTE4 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVC164245DGGTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com