Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCH374DWR Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74ALVCH374DWR
Szczegółowy opis  OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH374DWR Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ALVCH374DWR Datasheet HTML 1Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 2Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 3Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 4Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 5Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 6Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 7Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 8Page - Texas Instruments SN74ALVCH374DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCH374
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES118G – JULY 1997 – REVISED OCTOBER 2004
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
-4
VCC = 2.3 V
-12
IOH
High-level output current
mA
VCC = 2.7 V
-12
VCC = 3 V
-24
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Podobny numer części - SN74ALVCH374DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH374DW TI-SN74ALVCH374DW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCH374DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com