Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCH374PWR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ALVCH374PWR
Szczegółowy opis  OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH374PWR Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74ALVCH374PWR Datasheet HTML 1Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 2Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 3Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 4Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 5Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 6Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 7Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 8Page - Texas Instruments SN74ALVCH374PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH374
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES118G – JULY 1997 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
100
100
150
MHz
tpd
CLK
Q
1.5
6.4
1
3.9
3.6
1.1
3.6
ns
ten
OE
Q
3.6
8.1
2.1
5.6
5.3
1.6
5.2
ns
tdis
OE
Q
2.7
7.9
0.9
4.5
4.4
1.2
4.5
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
44
46
50
Power dissipation
Cpd
CL = 0, f = 10 MHz
pF
capacitance per flip-flop
Outputs disabled
24
26
29.5
5


Podobny numer części - SN74ALVCH374PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH374PW TI-SN74ALVCH374PW Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCH374PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com