Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALVCH162841 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74ALVCH162841
Szczegółowy opis  20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162841 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74ALVCH162841_09 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162841_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
1Q7
GND
1Q8
1Q9
1Q10
2Q1
2Q2
2Q3
GND
2Q4
2Q5
2Q6
VCC
2Q7
2Q8
GND
2Q9
2Q10
2OE
1LE
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
1D7
GND
1D8
1D9
1D10
2D1
2D2
2D3
GND
2D4
2D5
2D6
VCC
2D7
2D8
GND
2D9
2D10
2LE
SN74ALVCH162841
20-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES088E – OCTOBER 1996 – REVISED SEPTEMBER 2004
Member of the Texas Instruments Widebus™
Family
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
Output Ports Have Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Latch-Up Performance Exceeds 250 mA Per
JESD 17
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages
NOTE: For tape-and-reel order entry, the DGGR package is
abbreviated to GR.
This 20-bit bus-interface D-type latch is designed for
1.65-V to 3.6-V VCC operation.
The SN74ALVCH162841 features 3-state outputs
designed specifically for driving highly capacitive or
relatively
low-impedance
loads.
This
device
is
particularly suitable for implementing buffer registers,
unidirectional bus drivers, and working registers.
The SN74ALVCH162841 can be used as two 10-bit
latches or one 20-bit latch. The 20-bit latch is a
transparent D-type latch. The device has noninverting
data (D) inputs and provides true data at its outputs.
While the latch-enable (1LE or 2LE) input is high, the
Q outputs of the corresponding 10-bit latch follow the
D inputs. When LE is taken low, the Q outputs are
latched at the levels set up at the D inputs.
<br/>
A buffered output-enable (1OE or 2OE) input can be used to place the outputs of the corresponding 10-bit latch
in either a normal logic state (high or low logic levels) or the high-impedance state. In the high-impedance state,
the outputs neither load nor drive the bus lines significantly.
OE does not affect the internal operation of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
The outputs, which are designed to sink up to 12 mA, include equivalent 26-
Ω resistors to reduce overshoot and
undershoot.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, EPIC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74ALVCH162841_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH162841DGG TI-SN74ALVCH162841DGG Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841DL TI-SN74ALVCH162841DL Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALVCH162841_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162841 TI-SN74ALVCH162841 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI-SN74ALVCH16841 Datasheet
132Kb / 10P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com