Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP1G126YFPR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP1G126YFPR
Szczegółowy opis  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126YFPR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUP1G126YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G126YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
GND
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
OE
2
A
3
4
Y
DRL PACKAGE
(TOP VIEW)
2
A
V
CC
5
1
OE
3
4
GND
GND
Y
DCK PACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
OE
Y
1
DRY PACKAGE
(TOP VIEW)
A
N.C.
OE
6
5
4
2
3
GND
Y
V
CC
1
GND
Y
3
4
A
2
5
OE
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(
VIEW)
TOP
GND
OE
Y
V
CC
A
3
5
2
1
4
A1
B1
C1
A2
C2
GND
OE
Y
V
CC
A
3
6
2
1
4
5
N.C.
A1
B1
C1
A2
B2
C2
SN74AUP1G126
www.ti.com
SCES596F – JULY 2004 – REVISED MAY 2010
LOW-POWER SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
Check for Samples: SN74AUP1G126
1
FEATURES
Available in the Texas Instruments NanoStar™
Input Hysteresis Allows Slow Input Transition
Package
and Better Switching Noise Immunity at Input
Low Static-Power Consumption
Wide Operating VCC Range of 0.8 V to 3.6 V
(ICC = 0.9 mA Max)
Optimized for 3.3-V Operation
Low Dynamic-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(Cpd = 4 pF Typ at 3.3 V)
Signal Operation
Low Input Capacitance (Ci = 1.5 pF Typ)
tpd = 4.6 ns Max at 3.3 V
Low Noise – Overshoot and Undershoot
Suitable for Point-to-Point Applications
<10% of VCC
Latch-Up Performance Exceeds 100 mA Per
Input-Disable Feature Allows Floating Input
JESD 78, Class II
Conditions
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
1000-V Charged-Device Model (C101)
N.C. – No internal connection.
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2 ).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUP1G126YFPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G126YFPR TI-SN74AUP1G126YFPR Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126YFPR TI1-SN74AUP1G126YFPR Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126YFPR TI1-SN74AUP1G126YFPR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With Tri-State Output
More results

Podobny opis - SN74AUP1G126YFPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com