Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP2G126RSER Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP2G126RSER
Szczegółowy opis  LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G126RSER Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74AUP2G126RSER Datasheet HTML 2Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 3Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 4Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 5Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 6Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 7Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 8Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 9Page - Texas Instruments SN74AUP2G126RSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN74AUP2G126
SCES687D – JANUARY 2007 – REVISED DECEMBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
19.2
1.2 V ± 0.1 V
0.5
7.5
17.9
0.5
18.7
1.5 V ± 0.1 V
0.6
5.2
10.8
0.5
12.4
tpd
A
Y
ns
1.8 V ± 0.15 V
0.8
4.1
8.1
0.5
9.7
2.5 V ± 0.2 V
1.1
2.9
5
0.5
6.5
3.3 V ± 0.3 V
0.5
3
9.5
0.5
9.9
0.8 V
19.6
1.2 V ± 0.1 V
0.5
8.4
20.8
0.5
21.8
1.5 V ± 0.1 V
0.5
5.6
11.8
0.5
13.7
ten
OE
Y
ns
1.8 V ± 0.15 V
0.7
4.3
8.8
0.5
10.6
2.5 V ± 0.2 V
0.9
2.9
5.4
0.5
7
3.3 V ± 0.3 V
0.5
2.8
8.8
0.5
9.3
0.8 V
12.1
1.2 V ± 0.1 V
0.6
5.2
10.9
0.5
11.1
1.5 V ± 0.1 V
1.1
3.8
7
0.9
7.1
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.9
3.5
5.6
1.6
5.8
2.5 V ± 0.2 V
0.9
2.5
3.9
0.8
4.2
3.3 V ± 0.3 V
0.5
3.5
9.3
0.5
9.3
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
23
1.2 V ± 0.1 V
0.5
8.7
20.6
0.5
21.3
1.5 V ± 0.1 V
1.2
6
12.2
0.5
13.7
tpd
A
Y
ns
1.8 V ± 0.15 V
1.4
4.8
9.2
0.5
10.8
2.5 V ± 0.2 V
1.5
3.4
5.8
0.5
7.2
3.3 V ± 0.3 V
0.5
3.4
8.9
0.5
9.4
0.8 V
21.9
1.2 V ± 0.1 V
0.5
9.7
23.1
0.5
24
1.5 V ± 0.1 V
1
6.4
13.2
0.5
15
ten
OE
Y
ns
1.8 V ± 0.15 V
1
5
9.9
0.5
11.7
2.5 V ± 0.2 V
1.2
3.4
10.4
0.5
12
3.3 V ± 0.3 V
0.5
3.2
8.1
0.5
8.7
0.8 V
13.4
1.2 V ± 0.1 V
0.8
6.2
12.6
0.6
12.7
1.5 V ± 0.1 V
2.1
4.6
7.9
1.9
8.1
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.7
4.7
8.2
1.5
8.3
2.5 V ± 0.2 V
1
3.3
5.1
0.9
5.3
3.3 V ± 0.3 V
1.2
4.5
7.8
1.1
7.9
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G126


Podobny numer części - SN74AUP2G126RSER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126YFPR TI-SN74AUP2G126YFPR Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUP2G126YZPR TI-SN74AUP2G126YZPR Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74AUP2G126RSER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G126 TI-SN74AUP2G126 Datasheet
514Kb / 16P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com