Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT29834DWR Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SN74BCT29834DWR
Szczegółowy opis  8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29834DWR Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74BCT29834DWR Datasheet HTML 1Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 2Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 3Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 4Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 5Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 6Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 7Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 8Page - Texas Instruments SN74BCT29834DWR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74BCT29834
8BIT TO 9BIT PARITY BUS TRANSCEIVER
SCBS256 − SEPTEMBER 1987 − REVISED NOVEMBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
error-flag waveforms
ERR
CLR
CLK
Bi + PARITY
OEA
OEB
Even
H
Odd
L
H
L
H
L
H
L
H
L
tsu
tPLH
tw
tw
th
tsu
tPHL
ERROR-FLAG FUNCTION TABLE
INPUTS
INTERNAL
TO DEVICE
OUTPUT
PRESTATE
OUTPUT
FUNCTION
CLR
CLK
POINT P
ERRn−1†
ERR
FUNCTION
H
H
H
H
X
L
H
L
X
H
L
L
Sample
L
X
X
X
H
Clear
† ERRn−1 represents the state of the ERR output before any changes at CLR, CLK,
or point P.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled I/O port
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Podobny numer części - SN74BCT29834DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT29834DW TI-SN74BCT29834DW Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
More results

Podobny opis - SN74BCT29834DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS29833 TI-SN74ALS29833 Datasheet
102Kb / 6P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29854 TI-SN74BCT29854 Datasheet
99Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29854 TI1-SN74ALS29854 Datasheet
221Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29833 TI1-SN74BCT29833 Datasheet
110Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29853 TI1-SN74BCT29853 Datasheet
217Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74ALS29833 TI1-SN74ALS29833_11 Datasheet
229Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN74BCT29834 TI-SN74BCT29834 Datasheet
98Kb / 7P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVER
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com