Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4916 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4916
Szczegółowy opis  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4916 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM4916 Datasheet HTML 7Page - Texas Instruments LM4916 Datasheet HTML 8Page - Texas Instruments LM4916 Datasheet HTML 9Page - Texas Instruments LM4916 Datasheet HTML 10Page - Texas Instruments LM4916 Datasheet HTML 11Page - Texas Instruments LM4916 Datasheet HTML 12Page - Texas Instruments LM4916 Datasheet HTML 13Page - Texas Instruments LM4916 Datasheet HTML 14Page - Texas Instruments LM4916 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM4916
www.ti.com
SNAS179E – MAY 2003 – REVISED MAY 2013
APPLICATION INFORMATION
SINGLE ENDED (SE) CONFIGURATION EXPLANATION
As shown in Figure 4, the LM4916 has two operational amplifiers internally, which have externally configurable
gain. The closed loop gain of the two configurable amplifiers is set by selecting the ratio of Rf to Ri.
Consequently, the gain for each channel of the IC is
AVD = -(Rf / Ri)
(1)
When the LM4916 operates in Single Ended mode, coupling capacitors are used on each output (VoA and VoB)
and the SE/BTL pin (Pin 8) is connected to ground. These output coupling capacitors blocks the half supply
voltage to which the output amplifiers are typically biased and couples the audio signal to the headphones or
other single-ended (SE) loads. The signal return to circuit ground is through the headphone jack's sleeve.
BRIDGED (BTL) CONFIGURATION EXPLANATION
As shown in Figure 5, the LM4916 has two internal operational amplifiers. The first amplifier's gain is externally
configurable, while the second amplifier should be externally fixed in a unity-gain, inverting configuration. The
closed-loop gain of the first amplifier is set by selecting the ratio of Rf to Riwhile the second amplifier's gain
should be fixed by the two external 20k
Ω resistors. Figure 5 shows that the output of amplifier one serves as the
input to amplifier two which results in both amplifiers producing signals identical in magnitude, but out of phase
by 180°. Consequently, the differential gain for the IC is
AVD = 2 *(Rf / Ri).
(2)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
"bridged mode" is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground. A bridge amplifier design has a few distinct
advantages over the single-ended configuration. It provides a differential drive to the load, thus doubling output
swing for a specified supply voltage. Four times the output power is possible as compared to a single-ended
amplifier under the same conditions. This increase in attainable output power assumes that the amplifier is not
current limited or clipped. In order to choose an amplifier's closed-loop gain without causing excessive clipping,
please refer to the AUDIO POWER AMPLIFIER DESIGN section.
A bridge configuration, such as the one used in LM4916, also creates a second advantage over single-ended
amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across
the load. This eliminates the need for an output coupling capacitor which is required in a single supply, single-
ended amplifier configuration.
MODE SELECT DETAIL
The LM4916 can be configured in either Single Ended or BTL mode (see Figure 4 and Figure 5). The default
state of the LM4916 at power up is single ended. During initial power up or return from shutdown, the LM4916
must detect the correct mode of operation by sensing the status of the SE/BTL pin. When the bias voltage of the
part ramps up to 60mV (as seen on the Bypass pin), an internal comparator detects the status of SE/BTL; and at
10mV, latches that value in place. Ramp up of the bias voltage will proceed at a different rate from this point on
depending upon operating mode. BTL mode will ramp up about 11 times faster than Single Ended mode.
Shutdown is not a valid command during this time period (TWU) and should not enabled to ensure a proper power
on reset (POR) signal. In addition, the slew rate of VDD must be greater than 2.5V/ms to ensure reliable POR.
Recommended power up timing is shown in Figure 39 along with proper usage of Shutdown and Mute. The
mode-select circuit is suspended during CB discharge time. The circuit shown in Figure 38 presents an
applications solution to the problem of using different supply voltages with different turn-on times in a system with
the LM4916. This circuit shows the LM4916 with a 25-50k
Ω. Pull-up resistor connected from the shutdown pin to
VDD. The shutdown pin of the LM4916 is also being driven by an open drain output of an external microcontroller
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4916


Podobny numer części - LM4916

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916LD NSC-LM4916LD Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916MM NSC-LM4916MM Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
More results

Podobny opis - LM4916

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com