Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4937 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM4937
Szczegółowy opis  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM4937 Datasheet HTML 3Page - Texas Instruments LM4937 Datasheet HTML 4Page - Texas Instruments LM4937 Datasheet HTML 5Page - Texas Instruments LM4937 Datasheet HTML 6Page - Texas Instruments LM4937 Datasheet HTML 7Page - Texas Instruments LM4937 Datasheet HTML 8Page - Texas Instruments LM4937 Datasheet HTML 9Page - Texas Instruments LM4937 Datasheet HTML 10Page - Texas Instruments LM4937 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM4937
www.ti.com
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
VOLUME CONTROL ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
The following specifications apply for 3.0V
≤ AVDD ≤ 5.0V and 2.7V ≤ DVDD ≤ 4.0V, unless otherwise specified. Limits apply
for TA = 25°C.
Symbol
Parameter
Conditions
LM4937
Units
(Limits)
Typical(3)
Limits(4)(5)
RINPUT
DIFF+, DIFF-, LIN and RIN Input
18
k
Ω (min)
23
Impedance
28
k
Ω (max)
DIGITAL SECTION ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for 3.0V
≤ AVDD ≤ 5.0V and 2.7V ≤ DVDD ≤ 4.0V, unless otherwise specified. Limits apply
for TA = 25°C.
Symbol
Parameter
Conditions
LM4937
Units
(Limits)
Typical(3)
Limits(4)(5)
Mode 0, DVDD = 3.0V
DISD
Digital Shutdown Current
No MCLK
0.01
μA
fMCLK = 12MHz, DVDD = 3.0V
DIDD
Digital Power Supply Current
5.3
6.5
mA (max)
ALL MODES EXCEPT 0
PLLIDD
PLL Quiescent Current
fMCLK = 12MHz, DVDD = 3.0V
4.8
6
mA (max)
Audio DAC (Typical numbers are with 6.144MHz audio clock and 48kHz sampling frequency
RDAC
Audio DAC Ripple
20Hz - 20kHz through headphone output
+/-0.1
dB
PBDAC
Audio DAC Passband width
-3dB point
22.6
kHz
SBADAC
Audio DAC Stop band Attenuation
Above 24kHz
76
dB
Audio DAC Dynamic Range
DC - 20kHz, –60dBFS; AES17 Standard
DRDAC
Table 4
dB
See Table 4
Audio DAC-AMP Signal to Noise
A-Weighted, Signal = VO at 0dBFS, f =
Ratio
1kHz
SNR
Table 4
dB
Noise = digital zero, A-weighted, See
Table 4
SNRDAC
Internal DAC SNR
A-weighted(6)
95
dB
PLL
10
fIN
Input Frequency on MCLK pin
12
MHz
26
SPI/I2C (1.7V
≤ I2CVDD ≤ 2.2V)
fSPI
Maximum SPI Frequency
1000
kHz (max)
tSPISETD
SPI Data Setup Time
250
ns (max)
tSPISETENB
SPI ENB Setup Time
250
ns (max)
tSPIHOLDD
SPI Data Hold Time
250
ns (max)
tSPIHOLDENB
SPI ENB Hold Time
250
ns (max)
tSPICL
SPI Clock Low Time
500
ns (max)
tSPICH
SPI Clock High Time
500
ns (max)
fCLKI2C
I2C_CLK Frequency
400
kHz (max)
tI2CHOLD
I2C_DATA Hold Time
250
ns (max)
tI2CSET
I2C_DATA Setup Time
250
ns (max)
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Internal DAC only with DAC modes 00 and 01.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4937


Podobny numer części - LM4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Podobny opis - LM4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com